Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CPC1986 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1986
Description  Low Drive Power Requirements
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1986 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1986 Datasheet HTML 1Page - IXYS Corporation CPC1986 Datasheet HTML 2Page - IXYS Corporation CPC1986 Datasheet HTML 3Page - IXYS Corporation CPC1986 Datasheet HTML 4Page - IXYS Corporation CPC1986 Datasheet HTML 5Page - IXYS Corporation CPC1986 Datasheet HTML 6Page - IXYS Corporation CPC1986 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
DS-CPC1986-R09
www.ixysic.com
1
e3
Characteristics
Features
1.6A
rms Load Current with 5°C/W Heat Sink
Low 3
 On-Resistance
1000V
P Blocking Voltage
2500V
rms Input/Output Isolation
Low Thermal Resistance:
JC = 0.35 °C/W
Isolated, Low Thermal Impedance Ceramic Pad for
Heat Sink Applications
Low Drive Power Requirements
Arc-Free With No Snubbing Circuits
No EMI/RFI Generation
Machine Insertable, Wave Solderable
Applications
Industrial Controls / Motor Control
Robotics
Medical Equipment—Patient/Equipment Isolation
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (Watt-Hour, Water, Gas)
Transportation Equipment
Aerospace/Defense
Approvals
UL 508 Certified Component: File E69938
Pin Configuration
Description
IXYS Integrated Circuits Division and IXYS have
combined to bring OptoMOS® technology, reliability,
and compact size to a new family of high-power Solid
State Relays.
As part of this family, the CPC1986 single-pole,
normally open (1-Form-A) Solid State Power Relay is
rated for up to 1.6Arms continuous load current with a
5°C/W heat sink.
The CPC1986 employs optically coupled MOSFET
technology to provide 2500Vrms of input to output
isolation. The optically coupled outputs, that use
patented OptoMOS architecture, are controlled by a
highly efficient infrared LED. The combination of low
on-resistance and high load current handling
capability makes this relay suitable for a variety of high
performance switching applications.
The unique i4-PAC package pioneered by IXYS
enables Solid State Relays to achieve the highest load
current and power ratings. This package features a
unique IXYS process in which the silicon chips are soft
soldered onto the Direct Copper Bond (DCB)
substrate instead of the traditional copper leadframe.
The DCB ceramic, the same substrate used in high
power modules, not only provides 2500Vrms isolation
but also very low junction-to-case thermal resistance
(0.35 °C/W).
Ordering Information
Switching Characteristics
Parameter
Rating
Units
Blocking Voltage
1000
VP
Load Current, TA=25°C:
With 5°C/W Heat Sink
1.6
Arms
No Heat Sink
0.65
On-Resistance (max)
3
Thermal Resistance,
Junction-to-Case,
JC
0.35
°C/W
3
-
24
+
1
Part
Description
CPC1986J
i4-PAC Package (25 per tube)
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
CPC1986
1000V Single-Pole, Normally Open
Power Relay


Similar Part No. - CPC1986

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1986 CLARE-CPC1986 Datasheet
139Kb / 6P
i4-PAC??Power Relay
CPC1986 CLARE-CPC1986 Datasheet
888Kb / 7P
i4-PAC??Power Relay
CPC1986J CLARE-CPC1986J Datasheet
139Kb / 6P
i4-PAC??Power Relay
CPC1986J CLARE-CPC1986J Datasheet
888Kb / 7P
i4-PAC??Power Relay
logo
IXYS Corporation
CPC1986J IXYS-CPC1986J Datasheet
196Kb / 3P
Power Relay Branding
More results

Similar Description - CPC1986

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1718 IXYS-CPC1718 Datasheet
199Kb / 7P
Low Drive Power Requirements
CPC1709 IXYS-CPC1709 Datasheet
199Kb / 7P
Low Drive Power Requirements
CPC1708 IXYS-CPC1708 Datasheet
201Kb / 7P
Low Drive Power Requirements
CPC1726 IXYS-CPC1726 Datasheet
115Kb / 6P
Low Drive Power Requirements
CPC1967 IXYS-CPC1967 Datasheet
200Kb / 7P
Low Drive Power Requirements
CPC1977 IXYS-CPC1977 Datasheet
200Kb / 7P
Low Drive Power Requirements
CPC1978 IXYS-CPC1978 Datasheet
201Kb / 7P
Low Drive Power Requirements
CPC1979 IXYS-CPC1979 Datasheet
199Kb / 7P
Low Drive Power Requirements
CPC1988 IXYS-CPC1988 Datasheet
198Kb / 7P
Low Drive Power Requirements
CPC1010N IXYS-CPC1010N Datasheet
129Kb / 5P
Low Drive Power Requirements
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com