Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CER0032A Datasheet(PDF) 2 Page - CTS Corporation

Part # CER0032A
Description  High Rejection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0032A Datasheet(HTML) 2 Page - CTS Corporation

  CER0032A Datasheet HTML 1Page - CTS Corporation CER0032A Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CER0032A
1575.42 MHz GPS BPF
Document No. 008-0256-0
Page 2 of 2
Rev. X4VH
Mechanical Drawing
Electrical response
PCB Layout
Packaging and Marking
Dim
Nominal (mm)
Tolerance (mm)
+/- or max
A
B
4.0
max
C
D
0.53
0.13
E
2.9
0.13
F
G
0.51
0.13
H
0.25
0.13
I
0.51
0.13
J
0.51
0.13
L
4.2
max
M
2.0
max
R
0.51
0.13
0.0000
0.040
0.076
0.112
0.152
0.154
-0.004
0.136
0.030
0.066
0.102
0.106
Solderresist Over Dielectric
Solder Resist Over Conductor
Exposed Conductor
Filter Outline
DIMENSION UNITS
SPECIFICATION
REEL DIAMETER
mm
178
REEL WEIGHT
kg
0.45
REEL QUANTITY
Ea.
500
Rev 0 – Origin Date: July 11, 2005 – Revision Date: July 11, 2005
- CTS Electronic Components - www.ctscorp.com - 171 Covington Drive - Bloomingdale, IL 60108 -



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com