Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESW158M010AL2 Datasheet(PDF) 16 Page - Kemet Corporation

Part # ESW158M010AL2
Description  Single-Ended Aluminum Electrolytic Capacitors ESW Series
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ESW158M010AL2 Datasheet(HTML) 16 Page - Kemet Corporation

Back Button ESW158M010AL2 Datasheet HTML 12Page - Kemet Corporation ESW158M010AL2 Datasheet HTML 13Page - Kemet Corporation ESW158M010AL2 Datasheet HTML 14Page - Kemet Corporation ESW158M010AL2 Datasheet HTML 15Page - Kemet Corporation ESW158M010AL2 Datasheet HTML 16Page - Kemet Corporation ESW158M010AL2 Datasheet HTML 17Page - Kemet Corporation ESW158M010AL2 Datasheet HTML 18Page - Kemet Corporation ESW158M010AL2 Datasheet HTML 19Page - Kemet Corporation ESW158M010AL2 Datasheet HTML 20Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
A4009_ESW • 1/6/2016
Single-Ended Aluminum Electrolytic Capacitors – ESW Series, +105ºC
Impedance (Z) cont’d
Impedance as a function of frequency (sinusoidal waveform) for different temperature values can be represented as follows (typical
values):
0.1
1
10
100
1000
10000
0.1
1
10
100
1000
Z (ohm )
F (KHz)
85°C
20°C
10 µF
-40°C
R
e is the most temperature-dependent component of an electrolytic capacitor equivalent circuit. Electrolyte resistivity will decrease if
temperature rises.
In order to obtain a low impedance value throughout the temperature range, R
e must be as little as possible. However, Re values
that are too low indicate a very aggressive electrolyte, resulting in a shorter life of the electrolytic capacitor at high temperatures. A
compromise must be reached.
Leakage Current (LC)
Duetothealuminumoxidelayerthatservesasadielectric,asmallcurrentwillcontinuetoflowevenafteraDCvoltagehasbeen
applied for long periods. This current is called leakage current.
Ahighleakagecurrentflowsafterapplyingvoltagetothecapacitorthendecreasesinafewminutes,e.g.,afterprolongedstorage
without any applied voltage. In the course of continuous operation, the leakage current will decrease and reach an almost constant
value.
After a voltage-free storage the oxide layer may deteriorate, especially at high temperature. Since there are no leakage currents to
transportoxygenionstotheanode,theoxidelayerisnotregenerated.Theresultisthatahigherthannormalleakagecurrentwillflow
when voltage is applied after prolonged storage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com