Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN3015LSD Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN3015LSD
Description  Low Input Capacitance
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3015LSD Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN3015LSD Datasheet HTML 1Page - Diodes Incorporated DMN3015LSD Datasheet HTML 2Page - Diodes Incorporated DMN3015LSD Datasheet HTML 3Page - Diodes Incorporated DMN3015LSD Datasheet HTML 4Page - Diodes Incorporated DMN3015LSD Datasheet HTML 5Page - Diodes Incorporated DMN3015LSD Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN3015LSD
Document number: DS36300 Rev. 2 - 2
2 of 6
www.diodes.com
July 2014
© Diodes Incorporated
DMN3015LSD
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
8.4
6.8
A
t<10s
TA = +25°C
TA = +70°C
ID
11.0
9.0
A
Maximum Body Diode Forward Current (Note 6)
IS
2.5
A
Pulsed Drain Current (10µs pulse, duty cycle = 1%)
IDM
80
A
Avalanche Current (Notes 7) L = 0.1mH
IAS
22
A
Avalanche Energy (Notes 7) L = 0.1mH
EAS
25
mJ
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
TA = +25°C
PD
1.2
W
TA = +70°C
0.8
Thermal Resistance, Junction to Ambient (Note 5)
Steady state
RθJA
102
°C/W
t<10s
62
Total Power Dissipation (Note 6)
TA = +25°C
PD
1.6
W
TA = +70°C
1.0
Thermal Resistance, Junction to Ambient (Note 6)
Steady state
RθJA
78
°C/W
t<10s
47
Thermal Resistance, Junction to Case (Note 6)
RθJC
14.5
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
30
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current
IDSS
1
µA
VDS = 30V, VGS = 0V
Gate-Source Leakage
IGSS
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(TH)
1.3
2.5
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS(ON)
8
15
mΩ
VGS = 10V, ID = 12A
12
18
VGS = 4.5V, ID = 10A
Diode Forward Voltage
VSD
0.7
1.0
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
1415
pF
VDS = 15V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
119
Reverse Transfer Capacitance
Crss
82
Gate Resistance
RG
2.6
3.2
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = 4.5V)
Qg
11.3
nC
VDS = 15V, ID = 12A
Total Gate Charge (VGS = 10V)
Qg
25.1
Gate-Source Charge
Qgs
3.5
Gate-Drain Charge
Qgd
3.6
Turn-On Delay Time
tD(on)
4.8
nS
VDD = 15V, VGS = 10V,
RL = 1.25Ω, RG = 3Ω,
Turn-On Rise Time
tr
16.5
Turn-Off Delay Time
tD(off)
26.1
Turn-Off Fall Time
tf
5.6
Body Diode Reverse Recovery Time
trr
8.5
nS
IS = 12A, dI/dt = 500A/μs
Body Diode Reverse Recovery Charge
Qrr
7.0
nC
IS = 12A, dI/dt = 500A/μs
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
7. UIS in production with L = 0.1mH, starting TA = +25°C.
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com