Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PTVS3-076C-SH-R Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PTVS3-076C-SH-R
Description  High Current TVS Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PTVS3-076C-SH-R Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PTVS3-076C-SH-R Datasheet HTML 1Page - Bourns Electronic Solutions PTVS3-076C-SH-R Datasheet HTML 2Page - Bourns Electronic Solutions PTVS3-076C-SH-R Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PTVS3-xxxC-SH Series High Current TVS Diodes
Performance Graphs
V-I Characteristic
Typical VBR vs. Junction Temperature
Typical Surge Current Derating
Current 8/20 µs Waveform per IEC 61000-4-5
This graph shows the typical device surge current derating
versus ambient temperature when subjected to the 8/20 µs
current waveform per the IEC 61000-4-5 specification.
This device is not intended for continuous operation at
temperatures above 125 °C.
120
0
0
25
50
100
75
125
150
175
Ambient Temperature (°C)
110
100
90
80
70
60
50
40
30
20
10
20
40
60
80
100
120
0
030
25
20
15
10
5
t – Time (µs)
Test Waveform Parameters
tt = 8 µs
td = 20 µs
tt
et
td = t
|IPP/2
16
6
8
10
12
14
0
2
4
-4
-6
-8
-40
-20
0
20
40
60
80 100 120 140 160
Junction Temperature (TJ) - °C
25 °C
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com