Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2N3766 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N3766
Description  NPN POWER SILICON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3766 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N3766 Datasheet HTML 1Page - Microsemi Corporation 2N3766 Datasheet HTML 2Page - Microsemi Corporation 2N3766 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2N3766, 2N3767 JAN SERIES
ELECTRICAL CHARACTERISTICS (con’t)
Characteristics
Symbol
Min.
Max.
Unit
ON CHARACTERISTICS
(2)
Forward-Current Transfer Ratio
IC = 50 mAdc, VCE = 5.0 Vdc
IC = 500 mAdc, VCE = 5.0 Vdc
IC = 1.0 Adc, VCE = 10 Vdc
hFE
30
40
20
160
Collector-Emitter Saturation Voltage
IC = 1.0 Adc, IB = 0.1 Adc
IC = 0.5 Adc, IB = 0.05 Adc
VCE(sat)
2.5
1.0
Vdc
Base-Emitter Voltage
IC = 1.0 Adc, VCE = 10 Vdc
VBE(on)
1.5
Vdc
DYNAMIC CHARACTERISTICS
Magnitude of Common Emitter Small-Signal Short-Circuit
Forward Current Transfer Ratio
IC = 500 mAdc, VCE = 10 Vdc, f = 10 MHz
h
fe
1.0
8.0
Output Capacitance
VCB = 10 Vdc, IE = 0, 0.1 MHz ≤ f ≤ 1.0 MHz
Cobo
50
pF
SWITCHING CHARACTERISTICS
Turn-On Time
VCC = 30 Vdc; IC = 0.5 Adc; IB = 0.05 Adc
ton
0.25
µs
Turn-Off Time
VCC = 30 Vdc; IC = 0.5 Adc; IB = IB = 0.05 Adc
toff
2.5
µs
SAFE OPERATING AREA
DC Tests
TC = +25
0C, 1 Cycle, t = 1.0 s
Test 1
VCE = 6.25 Vdc, IC = 4.0 Adc
Test 2
VCE = 20 Vdc, IC = 1.25 Adc
Test 3
VCE = 50 Vdc, IC = 150 mAdc
2N3766
VCE = 65 Vdc, IC = 150 mAdc
2N3767
(2) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 2 of 2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com