Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RKE-1205S/H Datasheet(PDF) 1 Page - Recom International Power

Part # RKE-1205S/H
Description  1 Watt SIP7 Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RKE-1205S/H Datasheet(HTML) 1 Page - Recom International Power

  RKE-1205S/H Datasheet HTML 1Page - Recom International Power RKE-1205S/H Datasheet HTML 2Page - Recom International Power RKE-1205S/H Datasheet HTML 3Page - Recom International Power RKE-1205S/H Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ECO-1
REV.: 0/2016
www.recom-power.com
1 Watt
SIP7
Package
DC/DC Converter
Features
Unregulated
Converters
• Low Cost
• 1:1 Input Voltage Range
• Efficiency up to 81%
• 4kVDC/1 second Isolation
• IEC/EN/UL Certified
RKE/H
UL60950-1 Certified
EN55022 Compliant
Description
The RKE/H DC/DC converters are typically used in cost sensitive general purpose power isolation and
voltage matching applications. Despite their low cost, they are fully specified converters with 4kVdc
isolation, industrial operating temperature range of -40°C to +85°C without derating and UL/EN
certifications.
Selection Guide
Part
Input
Output
Output
Efficiency
max. Capacitive
Number
Voltage
Voltage
Current
typ.(1)
Load(2)
[VDC]
[VDC]
[mA]
[%]
[µF]
RKE-0505S/H
5
5
200
75
1000
RKE-1205S/H
12
5
200
80
1000
RKE-2405S/H
24
5
200
81
1000
3 YEAR
warranty
3
E358085
Model Numbering
Ordering Examples:
RKE-0505S/H, 5Vin and 5Vout, Single Output
RKE-2405S/H, 24Vin and 5Vout, Single Output
Input Voltage
Output Voltage
RKE-__ __ S/H
Notes:
Note1: Values at nominal input voltage and full load.
Note2: Test by minimum Vin and constant resistor load.
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage Range
-10%
+10%
Input Filter
internal capacitors
Operating Frequency
80kHz
Minimum Load
0%
Output Ripple and Noise
measured with 20MHz bandwidth and a
0.1µF ceramic capacitor
40mVp-p
100mVp-p
continued on next page
Specifications (measured at ta= 25°C, nominal input voltage, full load, otherwise noted)


Similar Part No. - RKE-1205S/H

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RKE-1205S/H RECOM-RKE-1205S/H Datasheet
256Kb / 4P
4kVDC/1 second Isolation
More results

Similar Description - RKE-1205S/H

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RO-1.81.8S RECOM-RO-1.81.8S Datasheet
101Kb / 3P
1 Watt SIP4 & SIP7 Single Output
RP-3.305S RECOM-RP-3.305S Datasheet
102Kb / 3P
1 Watt SIP7 SIP7 Single & Dual Output
RE RECOM-RE Datasheet
98Kb / 2P
1 Watt SIP7 Single Output
RB-3.305S-E RECOM-RB-3.305S-E Datasheet
84Kb / 2P
1 Watt SIP7 Single Output
REE-0505S RECOM-REE-0505S_15 Datasheet
83Kb / 2P
1 Watt SIP7 Single Output
REM1 RECOM-REM1 Datasheet
481Kb / 5P
1 Watt SIP7 Single Output
RFB RECOM-RFB Datasheet
381Kb / 4P
1 Watt SIP7 Single Output
RFMM RECOM-RFMM Datasheet
442Kb / 4P
1 Watt SIP7 Single Output
RKK RECOM-RKK Datasheet
618Kb / 4P
1 Watt SIP7 Single Output
REV.: 0/2023
RYK RECOM-RYK Datasheet
752Kb / 5P
1 Watt SIP7 Single Output
REV.: 0/2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com