Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29F800DB55N1F Datasheet(PDF) 28 Page - STMicroelectronics

Part # M29F800DB55N1F
Description  8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F800DB55N1F Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M29F800DB55N1F Datasheet HTML 24Page - STMicroelectronics M29F800DB55N1F Datasheet HTML 25Page - STMicroelectronics M29F800DB55N1F Datasheet HTML 26Page - STMicroelectronics M29F800DB55N1F Datasheet HTML 27Page - STMicroelectronics M29F800DB55N1F Datasheet HTML 28Page - STMicroelectronics M29F800DB55N1F Datasheet HTML 29Page - STMicroelectronics M29F800DB55N1F Datasheet HTML 30Page - STMicroelectronics M29F800DB55N1F Datasheet HTML 31Page - STMicroelectronics M29F800DB55N1F Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
M29F800DT, M29F800DB
28/39
APPENDIX A. BLOCK ADDRESS TABLE
Table 19. Top Boot Block Addresses,
M29F800DT
Table 20. Bottom Boot Block Addresses,
M29F800DB
#
Size
(Kbytes)
Address Range
(x8)
Address Range
(x16)
18
16
FC000h-FFFFFh
7E000h-7FFFFh
17
8
FA000h-FBFFFh
7D000h-7DFFFh
16
8
F8000h-F9FFFh
7C000h-7CFFFh
15
32
F0000h-F7FFFh
78000h-7BFFFh
14
64
E0000h-EFFFFh
70000h-77FFFh
13
64
D0000h-DFFFFh
68000h-6FFFFh
12
64
C0000h-CFFFFh
60000h-67FFFh
11
64
B0000h-BFFFFh
58000h-5FFFFh
10
64
A0000h-AFFFFh
50000h-57FFFh
9
64
90000h-9FFFFh
48000h-4FFFFh
8
64
80000h-8FFFFh
40000h-47FFFh
7
64
70000h-7FFFFh
38000h-3FFFFh
6
64
60000h-6FFFFh
30000h-37FFFh
5
64
50000h-5FFFFh
28000h-2FFFFh
4
64
40000h-4FFFFh
20000h-27FFFh
3
64
30000h-3FFFFh
18000h-1FFFFh
2
64
20000h-2FFFFh
10000h-17FFFh
1
64
10000h-1FFFFh
08000h-0FFFFh
0
64
00000h-0FFFFh
00000h-07FFFh
#
Size
(Kbytes)
Address Range
(x8)
Address Range
(x16)
18
64
F0000h-FFFFFh
78000h-7FFFFh
17
64
E0000h-EFFFFh
70000h-77FFFh
16
64
D0000h-DFFFFh
68000h-6FFFFh
15
64
C0000h-CFFFFh
60000h-67FFFh
14
64
B0000h-BFFFFh
58000h-5FFFFh
13
64
A0000h-AFFFFh
50000h-57FFFh
12
64
90000h-9FFFFh
48000h-4FFFFh
11
64
80000h-8FFFFh
40000h-47FFFh
10
64
70000h-7FFFFh
38000h-3FFFFh
9
64
60000h-6FFFFh
30000h-37FFFh
8
64
50000h-5FFFFh
28000h-2FFFFh
7
64
40000h-4FFFFh
20000h-27FFFh
6
64
30000h-3FFFFh
18000h-1FFFFh
5
64
20000h-2FFFFh
10000h-17FFFh
4
64
10000h-1FFFFh
08000h-0FFFFh
3
32
08000h-0FFFFh
04000h-07FFFh
2
8
06000h-07FFFh
03000h-03FFFh
1
8
04000h-05FFFh
02000h-02FFFh
0
16
00000h-03FFFh
00000h-01FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com