Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

4TPB68M Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 4TPB68M
Description  Surface Mount Type
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

4TPB68M Datasheet(HTML) 1 Page - Panasonic Semiconductor

  4TPB68M Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Conductive Polymer Tantalum Solid Capacitors
R.Cap. code
R. Voltage code
Lot. No.
Polarity marking(+)
R. Voltage code
Lot. No.
R.Cap. code
Polarity marking(+)
R. Voltage code
Lot. No.
R.Cap. code
Polarity marking(+)
L
SS
W1
Surface Mount Type
Series :
TPB
● Standard
● RoHS compliance, Halogen free
Size code
B2
D3L
D4
Category temperature range
–55 °C to +105 °C
Rated voltage range
4 V.DC to 10 V.DC
6.3 V.DC to 10 V.DC
Category voltage range
4 V.DC to 10 V.DC
6.3 V.DC to 10 V.DC
Rated capacitance range
33 μF to 68 μF
150 μF to 330 μF
220 μF to 470 μF
Capacitance tolerance
±20 % (120 Hz / + 20 °C)
Leakage current
Please see the attached characteristics list
Dissipation factor (tan
d)
Please see the attached characteristics list
Surge voltage (V.DC)
Rated voltage
× 1.15
Endurance
+105 °C 2000h, (B2 size : 1000h) rated voltage appled
✽ Rated temp. +85 °C 1000h rated voltage applied
Capacitance change
Within ±20 % of the initial value
tan
d
< 1.5 times of the initial limit
DC leakage current Within the initial limit
Damp heat
(Steady State)
+60 °C, 90 % to 95 %, 500 h, No-applied voltage
Capacitance change
Within +40 %, −20 % of the initial value
tan
d
< 1.5 times of the initial limit
DC leakage current
< 3 times of the initial limit
Size code
L±0.3 ✽
1
W±0.2
H±0.2 ✽
2
S±0.2
W1±0.1
B2
3.5
2.8
1.9
0.8
2.2
D3L
7.3
4.3
2.8
1.3
2.4
D4
7.3
4.3
3.8
1.3
2.4
定格電圧 (V.DC)
2.0
2.5
4.0
6.3
10.0
記号
deg
j
A
Series
Rated
voltage
(V.DC)
Rated
temp.
(°C)
Category
voltage
(V.DC)
Category
temp.
(°C)
Rated
capacitance
(μF)
Case size (mm)
Size
code
Specifications
Standard
LW
H
Ripple ✽
1
current
(mAr.m.s.)
ESR ✽
2
(m
Ω max.)
tan
d ✽3
LC ✽
4
(μA)
Part number
Min.
Packaging Q'ty
(pcs)
TPB
4.0
105
4.0
105
68
3.5
2.8
1.9
B2
1100
70
0.08
27.2
4TPB68M
2000
105
4.0
105
330
7.3
4.3
2.8
D3L
2000
40
0.10
132.0
4TPB330ML
2500
6.3
105
6.3
105
68
3.5
2.8
1.9
B2
1100
70
0.08
42.8
6TPB68M
2000
105
6.3
105
220
7.3
4.3
2.8
D3L
2000
40
0.10
138.6
6TPB220ML
2500
85
5.0
105
330
7.3
4.3
2.8
2000
40
0.10
207.9
6TPB330MAL
2500
105
6.3
105
7.3
4.3
2.8
2000
40
0.10
207.9
6TPB330ML
2500
105
6.3
105
7.3
4.3
3.8
D4
3000
40
0.10
207.9
6TPB330M
2000
105
6.3
105
470
7.3
4.3
3.8
3000
35
0.15
296.1
6TPB470M
2000
10
105
10.0
105
33
3.5
2.8
1.9
B2
1100
70
0.08
33.0
10TPB33M
2000
105
10.0
105
47
3.5
2.8
1.9
1100
70
0.08
47.0
10TPB47M
2000
105
10.0
105
150
7.3
4.3
2.8
D3L
2000
40
0.10
150.0
10TPB150ML
2500
105
10.0
105
220
7.3
4.3
2.8
2000
40
0.10
220.0
10TPB220ML
2500
105
10.0
105
7.3
4.3
3.8
D4
3000
40
0.10
220.0
10TPB220M
2000
105
10.0
105
330
7.3
4.3
3.8
3000
35
0.10
330.0
10TPB330M
2000
✽1 Ripple current (100 kHz/ +45 °C ), ✽2 ESR (100 kHz/+20 °C) ✽3 tan d (120 Hz/+20 °C) ✽4 After 5 minutes
◆ Please refer to each page in this catarog for “Reflow conditions” and “Taping specifications”.
Unit : mm
✽ Externals of figure are the reference.
✽ 1 ±0.2 : B2 ✽ 2 ±0.1 : B2
B2 Size
D4 Size
D3L Size
R. Voltage (V.DC) 4.0
6.3
10.0
Code
gj
A
R. Cap. (μF)
33
47
68
Code
N7
S7
W7
B2 Size
Features
Specifications
Marking
Dimensions (not to scale)
Characteristics list
Nov. 2015
01


Similar Part No. - 4TPB68M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
4TPB680M SANYO-4TPB680M Datasheet
103Kb / 2P
standard products corresponding to the diversification of the needs
4TPB680M SANYO-4TPB680M Datasheet
58Kb / 2P
TPB Series
More results

Similar Description - 4TPB68M

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1NXX3MXSPQ SHARP-PQ1NXX3MXSPQ Datasheet
378Kb / 5P
Compact Surface Mount Type Compact Surface Mount Type
logo
Panasonic Semiconductor
EEE0GS220SR PANASONIC-EEE0GS220SR Datasheet
277Kb / 5P
Surface Mount Type
EEEHB0G470R PANASONIC-EEEHB0G470R Datasheet
162Kb / 3P
Surface Mount Type
EEVEB2C100Q PANASONIC-EEVEB2C100Q Datasheet
108Kb / 2P
Surface Mount Type
EEE-FK1E101P PANASONIC-EEE-FK1E101P Datasheet
105Kb / 4P
Surface Mount Type
EEE-1EA220WAR PANASONIC-EEE-1EA220WAR Datasheet
80Kb / 3P
Surface Mount Type
EEE-FK1E330UR PANASONIC-EEE-FK1E330UR Datasheet
105Kb / 4P
Surface Mount Type
2R5TPG220M PANASONIC-2R5TPG220M Datasheet
46Kb / 1P
Surface Mount Type
2R5TPU47MSI PANASONIC-2R5TPU47MSI Datasheet
47Kb / 1P
Surface Mount Type
4THB330ML PANASONIC-4THB330ML Datasheet
53Kb / 1P
Surface Mount Type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com