Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

YMF754 Datasheet(PDF) 2 Page - YAMAHA CORPORATION

Part # YMF754
Description  DS-1E
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF754 Datasheet(HTML) 2 Page - YAMAHA CORPORATION

  YMF754 Datasheet HTML 1Page - YAMAHA CORPORATION YMF754 Datasheet HTML 2Page - YAMAHA CORPORATION YMF754 Datasheet HTML 3Page - YAMAHA CORPORATION YMF754 Datasheet HTML 4Page - YAMAHA CORPORATION YMF754 Datasheet HTML 5Page - YAMAHA CORPORATION YMF754 Datasheet HTML 6Page - YAMAHA CORPORATION YMF754 Datasheet HTML 7Page - YAMAHA CORPORATION YMF754 Datasheet HTML 8Page - YAMAHA CORPORATION YMF754 Datasheet HTML 9Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
YMF754
June 28, 1999
-2-
LOGOS
1. GM system level 1
GM system level 1 is a world standard format about MIDI synthesizer which provides voice arrangements
and MIDI functions.
2. XG
XG is a format about MIDI synthesizer that is proposed by YAMAHA, and keeps the upper compatibility of
GM system level 1.
The good points are the voice arrangements kept extensively, a large number of the
voices, modification of the voices, 3 kinds of effects, and so on.
3. SONDIUS-XG
Products bearing the SONDIUS-XG logo are licensed under patents of Stanford University and YAMAHA
Corporation as listed on <http://www.sondius-xg.com>.
The SONDIUS-XG produces acoustic sound
outputs by running a virtual simulation of the actual acoustic instrument operation.
Therefore, it provides
much more real-world acoustic sound outputs fundamentally different from the Wavetable sound generator
that simply processes the recorded acoustic sound sources only.
The SONDIUS-XG adds the technology
of virtual acoustic sound to the XG format.
4. Sensaura
Sensaura is a technology which provides 3D positional audio and moving effect by HRTF (Head Related
Transfer Function) with 2 speakers or headphone.
This feature makes it possible to enjoy invariable and
unchangeable sound feelings in all-positional area covering as wide as 360 degrees.
GENERAL MIDI logo is a trademark of Association of Musical Electronics Industry (AMEI),
and indicates GM system level 1 Compliant.
XG logo is a trademark of YAMAHA Corporation.
SONDIUS-XG logo is a trademark that Stanford University in the United States and
YAMAHA Corporation hold jointly.
Sensaura logo is a trademark of Central Research Laboratories Limited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com