Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC32RF80IRMPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF80IRMPR
Description  ADC32RF80 Dual-Channel
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC32RF80IRMPR Datasheet(HTML) 1 Page - Texas Instruments

  ADC32RF80IRMPR Datasheet HTML 1Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 2Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 3Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 4Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 5Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 6Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 7Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ADC
ADC
ADC
ADC
ADC
ADC
INAP/M
SYSREFP/M
CLKINP/M
PLL
50O
Buffer
INBP/M
50O
Buffer
DB[0,1]P/M
DA[0,1]P/M
DA[2,3]P/M
DB[2,3]P/M
GPIO1..4
ADC
Digital Block
Interleave
Correction
N
N
N
N
NCO
CTRL
SYNCBP/M
NCO
FAST
DET.
FAST
DET.
NCO
NCO
NCO
ADC
Digital Block
Interleave
Correction
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCT PREVIEW Information. Product in design phase of
development. Subject to change or discontinuance without notice.
ADC32RF80
SBAS774 – MAY 2016
ADC32RF80 Dual-Channel, 14-Bit, 3.0-GSPS,
RF Sampling Wideband Receiver and Feedback IC
1
1 Features
1
•
Dual-Channel
•
Maximum Clock Rate: 3.0-GSPS
•
14-Bit
•
Noise Floor: –155 dBFS/Hz
•
RF Input Supports Up to 4.0 GHz
•
Aperture Jitter: 70 fS
•
Channel Isolation: 80 dB at fIN = 1.8 GHz
•
Spectral Performance (fIN = 900 MHz):
–
SNR: 60.6 dBFS
–
SFDR: 65 dBc HD2, HD3
–
SFDR: 75 dBFS Non HD2, HD3
•
Spectral Performance (fIN = 1.78 GHz):
–
SNR: 58.0 dBFS
–
SFDR: 63 dBc HD2, HD3
–
SFDR: 72 dBFS Non HD2, HD3
•
On-Chip Digital Down-Converters:
–
Up to 4 DDCs (Dual-Band Mode)
–
Up to 3 Independent NCOs per DDC
•
On-Chip Input Clamp for Overvoltage Protection
•
Programmable On-Chip Power Detectors with
Alarm Pins for AGC Support
•
On-Chip Dither
•
On-Chip, 50-
Ω Input Termination
•
Input Full-Scale: 1.35 VPP
•
Support for Multi-Chip Synchronization
•
JESD204B Interface:
–
Subclass 1-Based Deterministic Latency
–
4 Lanes Per ADC at 12.3 Gbps
•
Power Supply:
–
1.9 V (Analog), 1.2 V (Analog), 1.15 V (Digital)
•
Power Dissipation: 3.2 W/Ch at 3.0 GSPS
•
72-Pin VQFN Package (10 mm × 10 mm)
2 Applications
•
Multi-Band, Multi-Mode 2G, 3G, 4G Cellular
Receivers
•
Multi-Carrier Multi-Mode Cellular Infrastructure
Base Stations
•
Telecommunications Receiver
•
Telecom DPD Observation Receiver
3 Description
The ADC32RF80 is a 14-bit, 3.0-GSPS, dual-
channel, telecom receiver and feedback IC that
supports RF sampling with input frequencies up to
4 GHz and beyond. Designed for high signal-to-noise
ratio (SNR), the ADC32RF80 delivers a noise
spectral density of –155 dBFS/Hz as well as excellent
dynamic range and channel isolation over a large
input frequency range. The buffered analog input with
on-chip termination provides uniform input impedance
across a wide frequency range and minimizes
sample-and-hold glitch energy.
Each ADC channel is connected to a dual-band,
digital
down-converter
(DDC)
with
up
to
three
independent, 16-bit numerically-controlled oscillators
(NCOs) per DDC for phase-coherent frequency
hopping. Additionally, the ADC is equipped with front-
end peak and RMS power detectors and alarm
functions to support external automatic gain control
(AGC) algorithms.
The ADC32RF80 supports the JESD204B serial
interface with subclass 1-based deterministic latency
using data rates up to 12.3 Gbps with up to four lanes
per channel. The device is offered in a 72-pin VQFN
package (10 mm × 10 mm) and supports the
industrial temperature range (–40°C to +85°C).
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ADC32RF80
VQFN (72)
10.00 mm × 10.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Block Diagram


Similar Part No. - ADC32RF80IRMPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC32RF80IRMPR TI1-ADC32RF80IRMPR Datasheet
8Mb / 136P
Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
ADC32RF80IRMPR TI-ADC32RF80IRMPR Datasheet
8Mb / 138P
ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
More results

Similar Description - ADC32RF80IRMPR

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
LHI814 PERKINELMER-LHI814 Datasheet
237Kb / 1P
Dual Channel Detector
TPS2534 PERKINELMER-TPS2534 Datasheet
294Kb / 1P
Dual Channel Thermopile
logo
Agilent(Hewlett-Packard...
HCPL-1930 HP-HCPL-1930 Datasheet
229Kb / 12P
Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
logo
Fairchild Semiconductor
MOCD207R2M FAIRCHILD-MOCD207R2M Datasheet
2Mb / 9P
Dual Channel Optocoupler
MOCD217M FAIRCHILD-MOCD217M Datasheet
2Mb / 10P
Dual Channel Phototransistor
logo
Solid State Optronic
SDT800-F8 SSOUSA-SDT800-F8 Datasheet
223Kb / 8P
Dual Channel Optocoupler
logo
Infineon Technologies A...
2N7002DW INFINEON-2N7002DW_14 Datasheet
448Kb / 9P
Dual N-channel
Rev.2.3 2014-09-19
logo
Texas Instruments
ADC3221 TI-ADC3221 Datasheet
3Mb / 77P
Dual Channel
logo
TT Electronics.
OPB822S TTELEC-OPB822S Datasheet
1Mb / 4P
Dual Channel Encoder
logo
TEKTRONIX, INC.
2502 TEKTRONIX-2502 Datasheet
272Kb / 3P
Dual-Channel Picoammeter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com