Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADCS7477AIMFE/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # ADCS7477AIMFE/NOPB
Description  8-Bit A/D Converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADCS7477AIMFE/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADCS7477AIMFE/NOPB Datasheet HTML 10Page - Texas Instruments ADCS7477AIMFE/NOPB Datasheet HTML 11Page - Texas Instruments ADCS7477AIMFE/NOPB Datasheet HTML 12Page - Texas Instruments ADCS7477AIMFE/NOPB Datasheet HTML 13Page - Texas Instruments ADCS7477AIMFE/NOPB Datasheet HTML 14Page - Texas Instruments ADCS7477AIMFE/NOPB Datasheet HTML 15Page - Texas Instruments ADCS7477AIMFE/NOPB Datasheet HTML 16Page - Texas Instruments ADCS7477AIMFE/NOPB Datasheet HTML 17Page - Texas Instruments ADCS7477AIMFE/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
14
ADCS7476, ADCS7477, ADCS7478
SNAS192G – APRIL 2003 – REVISED MAY 2016
www.ti.com
Product Folder Links: ADCS7476 ADCS7477 ADCS7478
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
TA = 25°C, VDD = 3 V, fSAMPLE = 1 MSPS, fSCLK = 20 MHz, and fIN = 100 kHz (unless otherwise noted)
Figure 17. ADCS7477 Spectral Response at 100-kHz Input
Figure 18. ADCS7477 SNR vs fSCLK
Figure 19. ADCS7477 SINAD vs fSCLK
Figure 20. ADCS7478 DNL
Figure 21. ADCS7478 INL
Figure 22. ADCS7478 Spectral Response at 100-kHz Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com