Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADCS7477AIMFX/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADCS7477AIMFX/NOPB
Description  8-Bit A/D Converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADCS7477AIMFX/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADCS7477AIMFX/NOPB Datasheet HTML 4Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 5Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 6Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 7Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 8Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 9Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 10Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 11Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
8
ADCS7476, ADCS7477, ADCS7478
SNAS192G – APRIL 2003 – REVISED MAY 2016
www.ti.com
Product Folder Links: ADCS7476 ADCS7477 ADCS7478
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
Electrical Characteristics – ADCS7477 (continued)
TA = 25°C, VDD = 2.7 V to 5.25 V, fSCLK = 20 MHz, and fSAMPLE = 1 MSPS (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tAJ
Aperture jitter
30
ps
(1)
Data sheet min/max specification limits are ensured by design, test, or statistical analysis.
6.7 Electrical Characteristics – ADCS7478
TA = 25°C, VDD = 2.7 V to 5.25 V, fSCLK = 20 MHz, and fSAMPLE = 1 MSPS (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CONVERTER CHARACTERISTICS
Resolution with no missing codes
–40°C
≤ TA ≤ 85°C
8
Bits
INL
Integral non-linearity
TA = 25°C
±0.05
LSB
–40°C
≤ TA ≤ 85°C
±0.3
DNL
Differential non-linearity
TA = 25°C
±0.07
LSB
–40°C
≤ TA ≤ 85°C
±0.3
VOFF
Offset error
TA = 25°C
±0.03
LSB
–40°C
≤ TA ≤ 85°C
±0.3
GE
Gain error
TA = 25°C
±0.08
LSB
–40°C
≤ TA ≤ 85°C
±0.4
Total unadjusted error
TA = 25°C
±0.07
LSB
–40°C
≤ TA ≤ 85°C
±0.3
DYNAMIC CONVERTER CHARACTERISTICS
SINAD
Signal-to-noise plus distortion ratio
fIN = 100 kHz
TA = 25°C
49.7
dB
–40°C
≤ TA ≤ 85°C
49
SNR
Signal-to-noise ratio
fIN = 100 kHz
49.7
dB
THD
Total harmonic distortion
fIN = 100 kHz
TA = 25°C
–77
dB
–40°C
≤ TA ≤ 85°C
–65
SFDR
Spurious-free dynamic range
fIN = 100 kHz
TA = 25°C
69
dB
–40°C
≤ TA ≤ 85°C
65
IMD
Intermodulation distortion,
second order terms
fa = 103.5 kHz, fb = 113.5 kHz
–68
dB
Intermodulation distortion,
third order terms
fa = 103.5 kHz, fb = 113.5 kHz
–68
dB
FPBW
–3-dB full power bandwidth
5-V supply
11
MHz
3-V supply
8
MHz
POWER SUPPLY CHARACTERISTICS
IDD
Normal mode (static)
VDD = 4.75 V to 5.25 V, SCLK On or Off
2
mA
VDD = 2.7 V to 3.6 V, SCLK On or Off
1
mA
Normal mode (operational)
VDD = 4.75 V to 5.25 V,
fSAMPLE = 1 MSPS
TA = 25°C
2
mA
–40°C
≤ TA ≤ 85°C
3.5
VDD = 2.7 V to 3.6 V,
fSAMPLE = 1 MSPS
TA = 25°C
0.6
mA
–40°C
≤ TA ≤ 85°C
1.6
Shutdown mode
VDD = 5 V, SCLK Off
0.5
µA
VDD = 5 V, SCLK On
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com