Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS5292IPFPR Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5292IPFPR
Description  Octal Channel 12-Bit, 80 MSPS and Low-Power ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5292IPFPR Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADS5292IPFPR Datasheet HTML 24Page - Texas Instruments ADS5292IPFPR Datasheet HTML 25Page - Texas Instruments ADS5292IPFPR Datasheet HTML 26Page - Texas Instruments ADS5292IPFPR Datasheet HTML 27Page - Texas Instruments ADS5292IPFPR Datasheet HTML 28Page - Texas Instruments ADS5292IPFPR Datasheet HTML 29Page - Texas Instruments ADS5292IPFPR Datasheet HTML 30Page - Texas Instruments ADS5292IPFPR Datasheet HTML 31Page - Texas Instruments ADS5292IPFPR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 67 page
background image
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
0
SDATA
SCLK
CSZ
SDOUT
0
0
0
0
0
0
0
1
A) Enable Serial Readout (<READOUT> = 1)
REGISTER ADDRESS (A7:A0) = 0x01
REGISTER DATA (D15:D0) = 0x0001
Pin SDOUT is tri-stated
Pin SDOUT Becomes
Active and Forces Low
SDATA
SCLK
CSZ
SDOUT
0
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
B) Read Contents of Register 0x0F.
This Register has been Initialized with 0x0200
(The Device was earlier put in global power down)
REGISTER ADDRESS (A7:A0) = 0x0F
REGISTER DATA (D15:D0) = XXXX (don’t care)
A7
A6
A5
A4
A3
A2
A1
A0
D15 D14 D13 D12 D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
SDOUT Output Contents of Register 0x0F in the same cycle, MSB first
ADS5292
SLAS788B – NOVEMBER 2011 – REVISED JULY 2012
www.ti.com
Serial Register Readout
The device includes a mode where the contents of the internal registers can be read back on SDOUT pin. This
may be useful as a diagnostic check to verify the serial interface communication between the external controller
and the ADC.
By default, after power up and device reset, the SDOUT pin is in the high-impedance state. When the readout
mode is enabled using the register bit <READOUT>, SDOUT outputs the contents of the selected register
serially, described as follows.
•
Set register bit <READOUT> = 1 to put the device in serial readout mode. This disables any further writes
into the internal registers, EXCEPT the register at address 1. Note that the <READOUT> bit itself is also
located in register 1.
The device can exit readout mode by writing <READOUT> to 0.
Only the contents of register at address 1 cannot be read in the register readout mode.
•
Initiate a serial interface cycle specifying the address of the register (A7-A0) whose content is to be read.
•
The device serially outputs the contents (D15–D0) of the selected register on the SDOUT pin.
•
The external controller can latch the contents at the rising edge of SCLK.
•
To exit the serial readout mode, reset register bit <READOUT> = 0, which enables writes into all registers of
the device. At this point, the SDOUT pin enters the high-impedance state.
Figure 46. Serial Readout Timing
28
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s) :ADS5292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com