| Electronic Components Datasheet Search |
|
ADC0851 Datasheet(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ADC0851 Datasheet(HTML) 21 Page - Texas Instruments |
|
21 / 38 page ![]() 20 Memory Access Modes (Continued) The address bits access specific memory locations as per Table II(a) and (b) for the ADC0851 and ADC0858 respec- tively The address data is clocked in with the MSB (bit A3) first The timing diagram in Figure 5 shows that after CS goes low the first four bits of the input word configure the device to ‘‘read one limit’’ mode Next the address bits select the desired memory location Third clock rising edge after the address data’s LSB is loaded the limit data is output with the LSB (bit L0) first 24 READ ALL LIMITS MODE With a mode address of1111 the device is configured in the ‘‘read all limits mode’’ When in this mode 8-bit limit data from each memory location is serially transmitted out The data format for the input word is as follows Data Input (DI) WordADC0851 or ADC0858 TLH11021 – 36 Note that no memory address data is required The limit data is sequentially transmitted out starting from the memo- ry location for CH0 – Lower Limit and ending at CH1 – Upper Limit for the ADC0851 (see Table II(a)) CH7 – Upper Limit for the ADC0858 (see Table II(b)) The timing diagram of Figure 6 shows that the input data is loaded starting at the first rising edge of CLK after CS goes low Third clock rising edge after the last bit of the input data is loaded the limit data is serially transmitted out Four limit words are transmitted for the ADC0851 sixteen for the ADC0858 Each limit word is output with the LSB (bit L0) first Taking CS high after the MSB of the last limit data is transmitted completes the operation TLH11021 – 38 FIGURE 5 Timing Diagram for Read One Limit ADC0851ADC0858 TLH11021 – 39 FIGURE 6 Timing Diagram for Read All Limits ADC0851ADC0858 20 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |