Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ2007STR Datasheet(PDF) 13 Page - Texas Instruments

Part # BQ2007STR
Description  Fast-Charge IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2007STR Datasheet(HTML) 13 Page - Texas Instruments

Back Button BQ2007STR Datasheet HTML 8Page - Texas Instruments BQ2007STR Datasheet HTML 9Page - Texas Instruments BQ2007STR Datasheet HTML 10Page - Texas Instruments BQ2007STR Datasheet HTML 11Page - Texas Instruments BQ2007STR Datasheet HTML 12Page - Texas Instruments BQ2007STR Datasheet HTML 13Page - Texas Instruments BQ2007STR Datasheet HTML 14Page - Texas Instruments BQ2007STR Datasheet HTML 15Page - Texas Instruments BQ2007STR Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
SLUS076A – JULY 20001
bq2007
Impedance
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Notes
RI
DC input impedance: pins
TS, BAT, SNS, TCO
50
-
-
M
Ω
RPROG
Soft-programmed pull-up
resistor
150
-
200
K
Ω
MSEL, DSEL1, DSEL2, MULT,
QDSEL; resistor value
± 10% tol-
erance
RFLT
Float state external
resistor
-5
-
M
Ω
TM
Timing (TA = 0 to +70°C; VCC ± 10%)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Notes
dFCV
Deviation of fast charge
safety time-out
0.84
1.0
1.16
-
At VCC =
±10%, TA = 0 to 60°C;
see Table 3
tREG
MOD output regulation
frequency
-
-
300
kHz
Typical regulation range;
VCC = 5.0V
tPEND
Charge pending time-out
-
25
-
%
Ratio of fast charge time-out;
see Table 4.
FCOM
Common LCD backplane fre-
quency
-
73
-
Hz
LCD segment frame rate
FALARM
Alarm frequency output
-
3500
-
kHz High tone
tPW
Pulse width for DCMD and
INH pulse command
1-
-
µs
Signal valid time
tMCV
Valid period for VCELL >
VMCV
0.5
-
1
sec
If VCELL
≥ VMCV for tMCV during
charge or top-off, then a transition
is recognized as
a battery replacement.
Note:
Typical is at TA = 25°C, VCC = 5.0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com