Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74ACT11373DBLE Datasheet(PDF) 4 Page - Texas Instruments

Part # 74ACT11373DBLE
Description  OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11373DBLE Datasheet(HTML) 4 Page - Texas Instruments

  74ACT11373DBLE Datasheet HTML 1Page - Texas Instruments 74ACT11373DBLE Datasheet HTML 2Page - Texas Instruments 74ACT11373DBLE Datasheet HTML 3Page - Texas Instruments 74ACT11373DBLE Datasheet HTML 4Page - Texas Instruments 74ACT11373DBLE Datasheet HTML 5Page - Texas Instruments 74ACT11373DBLE Datasheet HTML 6Page - Texas Instruments 74ACT11373DBLE Datasheet HTML 7Page - Texas Instruments 74ACT11373DBLE Datasheet HTML 8Page - Texas Instruments 74ACT11373DBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
74ACT11373
OCTAL TRANSPARENT D-TYPE LATCH
WITH 3-STATE OUTPUTS
SCAS015B – JUNE 1987 – REVISED APRIL 1996
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
IOH =50 mA
4.5 V
4.4
4.4
IOH = –50 mA
5.5 V
5.4
5.4
VOH
IOH =24 mA
4.5 V
3.94
3.8
V
OH
IOH = –24 mA
5.5 V
4.94
4.8
IOH = –75 mA{
5.5 V
3.85
IOL =50 mA
4.5 V
0.1
0.1
IOL = 50 mA
5.5 V
0.1
0.1
VOL
IOL =24mA
4.5 V
0.36
0.44
V
OL
IOL = 24 mA
5.5 V
0.36
0.44
IOL = 75 mA{
5.5 V
1.65
IOZ
VO = VCC or GND
5.5 V
±0.5
±5
mA
II
VI = VCC or GND
5.5 V
±0.1
±1
mA
ICC
VI = VCC or GND,
IO = 0
5.5 V
8
80
mA
DICC}
One input at 3.4 V,
Other inputs at GND or VCC
5.5 V
0.9
1
mA
Ci
VI = VCC or GND
5 V
4
pF
Co
VO = VCC or GND
5 V
10
pF
† Not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms.
‡ This is the increase in supply current for each input that is at one of the specified TTL voltage levels rather than 0 V or VCC.
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
TA = 25°C
MIN
MAX
UNIT
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration, LE high
5
5
ns
tsu
Setup time, data before LE
↓
3.5
3.5
ns
th
Hold time, data LE
↓
3.5
3.5
ns
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
D
Q
1.5
7.5
10.3
1.5
11.8
ns
tPHL
D
Q
1.5
6.5
9.3
1.5
10
ns
tPLH
LE
Any Q
1.5
8.5
11.3
1.5
13
ns
tPHL
LE
Any Q
1.5
8.5
10.9
1.5
12.2
ns
tPZH
OE
Any Q
1.5
7
10.7
1.5
12.5
ns
tPZL
OE
Any Q
1.5
7.5
10.9
1.5
12
ns
tPHZ
OE
Any Q
1.5
10
12.1
1.5
12.2
ns
tPLZ
OE
Any Q
1.5
7.5
9.5
1.5
10.1
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com