Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC1020-RTR1 Datasheet(PDF) 29 Page - Texas Instruments

Part # CC1020-RTR1
Description  Low-Power RF Transceiver for Narrowband Systems
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 29 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 25Page - Texas Instruments CC1020-RTR1 Datasheet HTML 26Page - Texas Instruments CC1020-RTR1 Datasheet HTML 27Page - Texas Instruments CC1020-RTR1 Datasheet HTML 28Page - Texas Instruments CC1020-RTR1 Datasheet HTML 29Page - Texas Instruments CC1020-RTR1 Datasheet HTML 30Page - Texas Instruments CC1020-RTR1 Datasheet HTML 31Page - Texas Instruments CC1020-RTR1 Datasheet HTML 32Page - Texas Instruments CC1020-RTR1 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 95 page
background image
Bit synchronizer
and data decoder
Data slicer
comparator
Average filter
Decimator
Frequency
detector
Digital filtering
Data
filter
CC1020
www.ti.com
SWRS046H – NOVEMBER 2006 – REVISED MARCH 2015
5.9.3
Demodulator, Bit Synchronizer, and Data Decision
The block diagram for the demodulator, data slicer and bit synchronizer is shown in Figure 5-10. The built-
in bit synchronizer synchronizes the internal clock to the incoming data and performs data decoding. The
data decision is done using over-sampling and digital filtering of the incoming signal. This improves the
reliability of the data transmission. Using the synchronous modes simplifies the data-decoding task
substantially.
The recommended preamble is a ‘010101…’ bit pattern. The same bit pattern should also be used in
Manchester mode, giving a ‘011001100110…‘chip’ pattern. This is necessary for the bit synchronizer to
synchronize to the coding correctly.
The data slicer does the bit decision. Ideally the two received FSK frequencies are placed symmetrically
around the IF frequency. However, if there is some frequency error between the transmitter and the
receiver, the bit decision level should be adjusted accordingly. In CC1020, this is done automatically by
measuring the two frequencies and use the average value as the decision level.
The digital data slicer in CC1020 uses an average value of the minimum and maximum frequency
deviation
detected
as
the
comparison
level.
The
RXDEV_X[1:0]
and
RXDEV_M[3:0]
in
the
AFC_CONTROL register are used to set the expected deviation of the incoming signal. Once a shift in the
received frequency larger than the expected deviation is detected, a bit transition is recorded and the
average value to be used by the data slicer is calculated.
The minimum number of transitions required to calculate a slicing level is 3. That is, a 010 bit pattern
(NRZ).
The actual number of bits used for the averaging can be increased for better data decision accuracy. This
is controlled by the SETTLING[1:0] bits in the AFC_CONTROL register. If RX data is present in the
channel when the RX chain is turned on, then the data slicing estimate will usually give correct results
after 3 bit transitions. The data slicing accuracy will increase after this, depending on the SETTLING[1:0]
bits. If the start of transmission occurs after the RX chain has turned on, the minimum number of bit
transitions (or preamble bits) before correct data slicing will depend on the SETTLING[1:0] bits.
The automatic data slicer average value function can be disabled by setting SETTLING[1:0] = 00. In this
case a symmetrical signal around the IF frequency is assumed.
The internally calculated average FSK frequency value gives a measure for the frequency offset of the
receiver compared to the transmitter. This information can also be used for an automatic frequency control
(AFC) as described in Section 5.9.13.
Figure 5-10. Demodulator Block Diagram
Copyright © 2006–2015, Texas Instruments Incorporated
Detailed Description
29
Submit Documentation Feedback
Product Folder Links: CC1020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com