Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP83256 Datasheet(PDF) 57 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83256
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83256 Datasheet(HTML) 57 Page - National Semiconductor (TI)

Back Button DP83256 Datasheet HTML 53Page - National Semiconductor (TI) DP83256 Datasheet HTML 54Page - National Semiconductor (TI) DP83256 Datasheet HTML 55Page - National Semiconductor (TI) DP83256 Datasheet HTML 56Page - National Semiconductor (TI) DP83256 Datasheet HTML 57Page - National Semiconductor (TI) DP83256 Datasheet HTML 58Page - National Semiconductor (TI) DP83256 Datasheet HTML 59Page - National Semiconductor (TI) DP83256 Datasheet HTML 60Page - National Semiconductor (TI) DP83256 Datasheet HTML 61Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 144 page
background image
50 Registers (Continued)
513 RECEIVE CONDITION MASK REGISTER B (RCMRB)
The Receive Condition Mask Register B allows the user to dynamically select which events will generate an interrupt
The Receive Condition B bit (RCB) of the Interrupt Condition Register (ICR) will be set to 1 when one or more bits within the
Receive Condition Register B (RCRA) is set to 1 and the corresponding mask bits in this register is also set to 1
Since this register is cleared (ie set to 0) during the reset process all interrupts are initially masked
ACCESS RULES
ADDRESS
READ
WRITE
0Ch
Always
Always
D7
D6
D5
D4
D3
D2
D1
D0
RESM
SILSM
EBOUM
CSEM
LSUPVM
ALSM
STM
ILSM
Bit
Symbol
Description
D0
ILSM
IDLE LINE STATE MASK
The mask bit for the Idle Line State bit (ILS) of the Receive Condition Register B
(RCRB)
D1
STM
STATE THRESHOLD MASK
The mask bit for the State Threshold bit (ST) of the Receive Condition Register B
(RCRB)
D2
ALSM
ACTIVE LINE STATE MASK
The mask bit for the Active Line State bit (ALS) of the Receive Condition Register
B (RCRB)
D3
LSUPVM
LINE STATE UNKNOWN AND PHY VALID MASK
The mask bit for the Line State Unknown and PHY Valid bit
(LSUPV) of the Receive Condition Register B (RCRB)
D4
CSEM
CASCADE SYNCHRONIZATION ERROR MASKCONNECTION SERVICE EVENT MASK
The mask bit for the Cascade Synchronization ErrorConnection service event bit (CSE) of the Receive Condition
Register B (RCRB)
D5
EBOUM
ELASTICITY BUFFER OVERFLOWUNDERFLOW MASK
The mask bit for the Elasticity Buffer Overflow
Underflow bit (EBOU) of the Receive Condition Register B (RCRB)
D6
SILSM
SUPER IDLE LINE STATE MASK
The mask bit for the Super Idle Line State bit (SILS) of the Receive Condition
Register B (RCRB)
D7
RESM
RESERVED MASK
The mask bit for the Reserved bit (RES) of the Receive Condition Register B (RCRB)
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com