Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY74FCT16244ETPVC Datasheet(PDF) 14 Page - Texas Instruments

Part # CY74FCT16244ETPVC
Description  16-Bit Buffers/Line Drivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CY74FCT16244ETPVC Datasheet(HTML) 14 Page - Texas Instruments

Back Button CY74FCT16244ETPVC Datasheet HTML 7Page - Texas Instruments CY74FCT16244ETPVC Datasheet HTML 8Page - Texas Instruments CY74FCT16244ETPVC Datasheet HTML 9Page - Texas Instruments CY74FCT16244ETPVC Datasheet HTML 10Page - Texas Instruments CY74FCT16244ETPVC Datasheet HTML 11Page - Texas Instruments CY74FCT16244ETPVC Datasheet HTML 12Page - Texas Instruments CY74FCT16244ETPVC Datasheet HTML 13Page - Texas Instruments CY74FCT16244ETPVC Datasheet HTML 14Page - Texas Instruments CY74FCT16244ETPVC Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
MECHANICAL DATA
MTSS003D – JANUARY 1995 – REVISED JANUARY 1998
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DGG (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
4040078 / F 12/97
48 PINS SHOWN
0,25
0,15 NOM
Gage Plane
6,00
6,20
8,30
7,90
0,75
0,50
Seating Plane
25
0,27
0,17
24
A
48
1
1,20 MAX
M
0,08
0,10
0,50
0
°–8°
56
14,10
13,90
48
DIM
A MAX
A MIN
PINS **
12,40
12,60
64
17,10
16,90
0,15
0,05
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com