Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74FST3384QS Datasheet(PDF) 1 Page - ON Semiconductor

Part # 74FST3384QS
Description  10-Bit Low Power Bus Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74FST3384QS Datasheet(HTML) 1 Page - ON Semiconductor

  74FST3384QS Datasheet HTML 1Page - ON Semiconductor 74FST3384QS Datasheet HTML 2Page - ON Semiconductor 74FST3384QS Datasheet HTML 3Page - ON Semiconductor 74FST3384QS Datasheet HTML 4Page - ON Semiconductor 74FST3384QS Datasheet HTML 5Page - ON Semiconductor 74FST3384QS Datasheet HTML 6Page - ON Semiconductor 74FST3384QS Datasheet HTML 7Page - ON Semiconductor 74FST3384QS Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2002
May, 2002 – Rev. 4
1
Publication Order Number:
74FST3384/D
74FST3384
10-Bit Low Power
Bus Switch
The ON Semiconductor 74FST3384 is a 10–bit low power bus
switch. The device is CMOS TTL compatible when operating between
4 and 5.5 Volts. The device exhibits extremely low RON and adds
nearly zero propagation delay. The device adds no noise or ground
bounce to the system.
• R
ON
t 4 W Typical
• Less Than 0.25 ns–Max Delay Through Switch
• Nearly Zero Standby Current
• No Circuit Bounce
• Control Inputs are TTL/CMOS Compatible
• Pin–For–Pin Compatible With QS3384, FST3384, CBT3384
• All Popular Packages: SOIC–24, TSSOP–24, QSOP–24
Figure 1. 24–Lead Pinout
TRUTH TABLE
B0–B4
L
OE2
A0–A4
Description
PIN NAMES
OE1, OE2
A0–A9
Pin
Bus Switch Enable
Bus A
B0–B9
Bus B
1
2
3
4
5
6
7
8
9
10
11
12
VCC
B9
A9
A8
B8
B7
A7
A6
B6
B5
A5
OE2
24
23
22
21
20
19
18
17
16
15
14
13
OE1
B0
A0
A1
B1
B2
A2
A3
B3
B4
A4
GND
NOTE: H = HIGH Voltage Level, L = LOW Voltage Level
L
OE1
B5–B9
A5–A9
Function
Connect
H
A0–A4
L
HIGH–Z State
Connect
L
HIGH–Z State
H
A5–A9
Connect
H
HIGH–Z State
H
HIGH–Z State
Disconnect
Device
Package
Shipping
ORDERING INFORMATION
74FST3384DW
SO–24
48 Units/Rail
74FST3384DWR2
SO–24
74FST3384DT
TSSOP–24
2500 Units/Reel
96 Units/Rail
A
= Assembly Location
L, WL
= Wafer Lot
Y, YY
= Year
W, WW = Work Week
74FST3384DTR2
TSSOP–24
2500 Units/Reel
74FST3384QS
QSOP–24
96 Units/Rail
74FST3384QSR
QSOP–24
2500 Units/Reel
TSSOP–24
DT SUFFIX
CASE 948H
24
1
QSOP–24
QS SUFFIX
CASE 492B
SO–24
DW SUFFIX
CASE 751E
24
1
1
24
FST3384
AWLYWW
MARKING
DIAGRAMS
24
1
24
1
1
24
FST
3384
ALYW
FST3384
AWLYYWW
http://onsemi.com


Similar Part No. - 74FST3384QS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74FST3384 ONSEMI-74FST3384 Datasheet
211Kb / 8P
10?묪it Low Power Bus Switch
June, 2006 ??Rev. 6
74FST3384 ONSEMI-74FST3384_06 Datasheet
211Kb / 8P
10?묪it Low Power Bus Switch
June, 2006 ??Rev. 6
More results

Similar Description - 74FST3384QS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LVX3383 NSC-54LVX3383 Datasheet
87Kb / 6P
10-Bit Low Power Bus-Exchange Switch
54LVX3384 NSC-54LVX3384 Datasheet
96Kb / 6P
10-Bit Low Power Bus Switch
logo
Fairchild Semiconductor
FST3383 FAIRCHILD-FST3383 Datasheet
50Kb / 5P
10-Bit Low Power Bus-Exchange Switch
FST3384 FAIRCHILD-FST3384 Datasheet
99Kb / 5P
10-Bit Low Power Bus Switch
logo
National Semiconductor ...
74LVX3L384 NSC-74LVX3L384 Datasheet
127Kb / 6P
10-Bit Low Power Bus Switch
74LVX3L383 NSC-74LVX3L383 Datasheet
113Kb / 6P
10-Bit Low Power Bus-Exchange Switch
logo
Integrated Device Techn...
IDT74CBTLV3861 IDT-IDT74CBTLV3861 Datasheet
66Kb / 5P
LOW-VOLTAGE 10-BIT BUS SWITCH
IDT74CBTLV3384 IDT-IDT74CBTLV3384_14 Datasheet
97Kb / 5P
LOW-VOLTAGE 10-BIT BUS SWITCH
IDT74CBTLV3861 IDT-IDT74CBTLV3861_12 Datasheet
228Kb / 5P
LOW-VOLTAGE 10-BIT BUS SWITCH
logo
Renesas Technology Corp
74CBTLV3384 RENESAS-74CBTLV3384 Datasheet
265Kb / 6P
LOW-VOLTAGE 10-BIT BUS SWITCH
MAY 2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com