Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NFZ2HBM110SN10 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # NFZ2HBM110SN10
Description  Operating Temperature Range
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NFZ2HBM110SN10 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  NFZ2HBM110SN10 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NFZ2HBM110SN10 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NFZ2HBM110SN10 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
NFZ2HBM110SN10#
“#” indicates a package specification code.
Specifications
Shape
SMD
Size Code (in mm)
2520
Size Code (in inch)
1008
Length
2.5mm
Length Tolerance
±0.2mm
Width
2.0mm
Width Tolerance
±0.2mm
Thickness
0.9mm
Thickness Tolerance
±0.1mm
Rated Current
800.0mA
Operating Temperature Range
-
℃
55
to
℃
125
Mass(typ.)
0.022g
Number of Circuit
1
DC Resistance(max.)
0.04Ω
DC Resistance
0.160Ω±25%
Impedance (at 1MHz)
11Ω
Impedance (at 1MHz) Tolerance
±30%
2 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
:
updated 2016/07/28



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com