Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC2G66 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74LVC2G66
Description  Bilateral switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G66 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74LVC2G66 Datasheet HTML 7Page - NXP Semiconductors 74LVC2G66 Datasheet HTML 8Page - NXP Semiconductors 74LVC2G66 Datasheet HTML 9Page - NXP Semiconductors 74LVC2G66 Datasheet HTML 10Page - NXP Semiconductors 74LVC2G66 Datasheet HTML 11Page - NXP Semiconductors 74LVC2G66 Datasheet HTML 12Page - NXP Semiconductors 74LVC2G66 Datasheet HTML 13Page - NXP Semiconductors 74LVC2G66 Datasheet HTML 14Page - NXP Semiconductors 74LVC2G66 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
9397 750 13259
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 29 June 2004
11 of 22
Philips Semiconductors
74LVC2G66
Bilateral switch
[1]
All typical values are measured at Tamb =25 °C and nominal VCC.
[2]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N + {(CL +CS) × VCC2 × fo} where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = total load switching outputs;
CS = switch capacitance.
[3]
The condition is VI = GND to VCC.
13. Waveforms
tPHZ, tPLZ
turn-off time nE to VOS
see Figure 15
VCC = 1.65 V to 1.95 V
1.0
-
11.5
ns
VCC = 2.3 V to 2.7 V
1.0
-
7.0
ns
VCC = 2.7 V
1.0
-
8.5
ns
VCC = 3.0 V to 3.6 V
1.0
-
8.0
ns
VCC = 4.5 V to 5.5 V
1.0
-
6.5
ns
Table 10:
Dynamic characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); test circuit Figure 16.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Measurement points are given in Table 11.
Logic levels: VOL and VOH are typical output voltage drop that occur with the output load.
Fig 14. The input (nY, nZ) to output (nZ, nY) propagation delays and the output transition
times.
Table 11:
Measurement points
Supply voltage
Input
Output
VCC
VM
VM
1.65 V to 1.95 V
0.5
× VCC
0.5
× VCC
2.3 V to 2.7 V
0.5
× V
CC
0.5
× V
CC
2.7 V
1.5 V
1.5 V
3.0 V to 3.6 V
1.5 V
1.5 V
4.5 V to 5.5 V
0.5
× VCC
0.5
× V
CC
001aaa541
tPLH
tPHL
VM
VM
VM
VM
nY or nZ
input
nZ or nY
output
GND
VI
VOH
VOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com