| Electronic Components Datasheet Search |
|
DAC7564 Datasheet(PDF) 39 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DAC7564 Datasheet(HTML) 39 Page - Texas Instruments |
|
39 / 51 page ![]() CS SK SO SYNC DAC8564(1) SCLK D IN NOTE:(1)Additionalpinsomittedforclarity. Microwire (1) PC7 SCK MOSI SYNC DAC8564(1) SCLK D IN NOTE:(1)Additionalpinsomittedforclarity. 68HC11 (1) P3.3 TXD RXD SYNC DAC8564(1) SCLK D IN NOTE:(1)Additionalpinsomittedforclarity. 80C51/80L51 (1) DAC8564 www.ti.com SBAS403D – JUNE 2007 – REVISED MAY 2011 DAC8564 to Microwire Interface MICROPROCESSOR INTERFACING Figure 102 shows an interface between the DAC8564 DAC SPI Interfacing and any Microwire-compatible device. Serial data are shifted out on the falling edge of the serial clock and Care must be taken with the digital control signals are clocked into the DAC8564 on the rising edge of that are applied directly to the DAC, especially with the SK signal. the SYNC pin. The SYNC pin must not be toggled without having a full SCLK pulse in between. If this condition is violated, the SPI interface locks up in an erroneous state, causing the DAC to behave incorrectly and have errors. The DAC can be recovered from this faulty state by writing a valid SPI command or using the SYNC pin correctly; communication will then be restored. Avoid glitches and transients on the SYNC line to ensure proper operation. Figure 102. DAC8564 to Microwire Interface DAC8564 to an 8051 Interface Figure 101 shows a serial interface between the DAC8564 to 68HC11 Interface DAC8564 and a typical 8051-type microcontroller. The setup for the interface is as follows: TXD of the Figure 103 shows a serial interface between the 8051 drives SCLK of the DAC8564, while RXD drives DAC8564 and the 68HC11 microcontroller. SCK of the serial data line of the device. The SYNC signal is the 68HC11 drives the SCLK of the DAC8564, while derived from a bit-programmable pin on the port of the MOSI output drives the serial data line of the the 8051; in this case, port line P3.3 is used. When DAC. The SYNC signal derives from a port line data are to be transmitted to the DAC8564, P3.3 is (PC7), similar to the 8051 diagram. taken low. The 8051 transmits data in 8-bit bytes; thus, only eight falling clock edges occur in the transmit cycle. To load data to the DAC, P3.3 is left low after the first eight bits are transmitted; then, a second write cycle is initiated to transmit the second byte of data. P3.3 is taken high following the completion of the third write cycle. The 8051 outputs the serial data in a format that has the LSB first. The DAC8564 requires its data with the MSB as the first bit received. The 8051 transmit routine must therefore Figure 103. DAC8564 to 68HC11 Interface take this requirement into account, and mirror the data as needed. The 68HC11 should be configured so that its CPOL bit is '0' and its CPHA bit is '1'. This configuration causes data appearing on the MOSI output to be valid on the falling edge of SCK. When data are being transmitted to the DAC, the SYNC line is held low (PC7). Serial data from the 68HC11 are transmitted in 8-bit bytes with only eight falling clock edges occurring in the transmit cycle. (Data are transmitted MSB first.) In order to load data to the DAC8564, PC7 is left low after the first eight bits are Figure 101. DAC8564 to 80C51/80L51 Interface transferred; then, a second and third serial write operation are performed to the DAC. PC7 is taken high at the end of this procedure. Copyright © 2007–2011, Texas Instruments Incorporated 39 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |