Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC7734EC/1K Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7734EC/1K
Description  16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7734EC/1K Datasheet(HTML) 14 Page - Texas Instruments

Back Button DAC7734EC/1K Datasheet HTML 10Page - Texas Instruments DAC7734EC/1K Datasheet HTML 11Page - Texas Instruments DAC7734EC/1K Datasheet HTML 12Page - Texas Instruments DAC7734EC/1K Datasheet HTML 13Page - Texas Instruments DAC7734EC/1K Datasheet HTML 14Page - Texas Instruments DAC7734EC/1K Datasheet HTML 15Page - Texas Instruments DAC7734EC/1K Datasheet HTML 16Page - Texas Instruments DAC7734EC/1K Datasheet HTML 17Page - Texas Instruments DAC7734EC/1K Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
DAC7734
14
SBAS138A
www.ti.com
Time (2
µs/div)
OUTPUT VOLTAGE vs SETTLING TIME
(–10V to +10V)
+5V
LDAC
0
TYPICAL PERFORMANCE CURVES: VSS = –15V (Cont.)
At TA = +25°C, VDD = +5V, VCC = +15V, VSS = –15V, VREFH = +10V, and VREFL = –10V, representative unit, unless otherwise specified.
15
10
5
0
–5
–10
–15
R
LOAD (kΩ)
0.01
0.1
1
10
100
OUTPUT VOLTAGE vs R
LOAD
Sink
Source
7
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
–7
SUPPLY CURRENT vs CODE
Digital Input Code
0000
H
2000
H
4000
H
6000
H
8000
H
A000
H
C000
H
E000
H
FFFF
H
I
CC
I
DD
I
SS
Time (2
µs/div)
OUTPUT VOLTAGE vs SETTLING TIME
(+10V to –10V)
+5V
LDAC
0
20
15
10
5
0
–5
–10
–15
–20
Digital Input Code
0000
H
2000
H
4000
H
6000
H
8000
H
A000
H
C000
H
E000
H
FFFF
H
DUAL-SUPPLY CURRENT LIMIT vs INPUT CODE
(Short-to-Ground)
Large-Signal Settling Time: 5V/div
Small-Signal Settling Time: 3LSB/div
Large-Signal Settling Time: 5V/div
Small-Signal Settling Time: 3LSB/div
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
Frequency (Hz)
100
1k
10k
100k
1M
POWER SUPPLY REJECTION RATIO vs FREQUENCY
–15V
+15V
+5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com