Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DM385 Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DaVinci Digital Media Processor
PDF  281 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 64 Page - Texas Instruments

Back Button DM385 Datasheet HTML 60Page - Texas Instruments DM385 Datasheet HTML 61Page - Texas Instruments DM385 Datasheet HTML 62Page - Texas Instruments DM385 Datasheet HTML 63Page - Texas Instruments DM385 Datasheet HTML 64Page - Texas Instruments DM385 Datasheet HTML 65Page - Texas Instruments DM385 Datasheet HTML 66Page - Texas Instruments DM385 Datasheet HTML 67Page - Texas Instruments DM385 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 281 page
background image
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
3.3.2
Boot Configuration
Table 3-13. Boot Configuration Terminal Functions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
AAR BALL [4]
BTMODE[0]
Boot Mode Selection 0. ARM Cortex-A8 Boot Mode
I
W6
Configuration Bits. This pin is multiplexed between ARM
Cortex-A8 boot mode and the General-Purpose Memory
Controller (GPMC) peripheral functions. At reset, the boot
mode inputs BTMODE[4:0] are sampled to determine the
ARM boot configuration. For more details on the types of
boot modes supported, see Section 4.2, Boot Modes, of
this document, along with the ROM Code Memory and
Peripheral Booting chapter of the device Technical
Reference Manual. After reset, this pin functions as
GPMC multiplexed data/address pin 0 (GPMC_D[0]).
BTMODE[1]
Boot Mode Selection 1. ARM Cortex-A8 Boot Mode
I
W4
Configuration Bits. This pin is multiplexed between ARM
Cortex-A8 boot mode and the General-Purpose Memory
Controller (GPMC) peripheral functions. At reset, the boot
mode inputs BTMODE[4:0] are sampled to determine the
ARM boot configuration. For more details on the types of
boot modes supported, see Section 4.2, Boot Modes, of
this document, along with the ROM Code Memory and
Peripheral Booting chapter of the device Technical
Reference Manual. After reset, this pin functions as
GPMC multiplexed data/address pin 1 (GPMC_D[1]).
BTMODE[2]
Boot Mode Selection 2. ARM Cortex-A8 Boot Mode
I
W3
Configuration Bits. This pin is multiplexed between ARM
Cortex-A8 boot mode and the General-Purpose Memory
Controller (GPMC) peripheral functions. At reset, the boot
mode inputs BTMODE[4:0] are sampled to determine the
ARM boot configuration. For more details on the types of
boot modes supported, see Section 4.2, Boot Modes, of
this document, along with the ROM Code Memory and
Peripheral Booting chapter of the device Technical
Reference Manual. After reset, this pin functions as
GPMC multiplexed data/address pin 2 (GPMC_D[2]).
BTMODE[3]
Boot Mode Selection 3. ARM Cortex-A8 Boot Mode
I
U2
Configuration Bits. This pin is multiplexed between ARM
Cortex-A8 boot mode and the General-Purpose Memory
Controller (GPMC) peripheral functions. At reset, the boot
mode inputs BTMODE[4:0] are sampled to determine the
ARM boot configuration. For more details on the types of
boot modes supported, see Section 4.2, Boot Modes, of
this document, along with the ROM Code Memory and
Peripheral Booting chapter of the device Technical
Reference Manual. After reset, this pin functions as
GPMC multiplexed data/address pin 3 (GPMC_D[3]).
BTMODE[4]
Boot Mode Selection 4. ARM Cortex-A8 Boot Mode
I
W9
Configuration Bits. This pin is multiplexed between ARM
Cortex-A8 boot mode and the General-Purpose Memory
Controller (GPMC) peripheral functions. At reset, the boot
mode inputs BTMODE[4:0] are sampled to determine the
ARM boot configuration. For more details on the types of
boot modes supported, see Section 4.2, Boot Modes, of
this document, along with the ROM Code Memory and
Peripheral Booting chapter of the device Technical
Reference Manual. After reset, this pin functions as
GPMC multiplexed data/address pin 4 (GPMC_D[4]).
BTMODE[5]
Boot Mode Selection 5. Reserved Boot Pin. This pin is
I
T5
multiplexed between ARM Cortex-A8 boot mode and
General-Purpose Memory Controller (GPMC) peripheral
functions. For proper device operation at reset, this pin
should be externally pulled low. After reset, this pin
functions as GPMC multiplexed data/address pin 5
(GPMC_D[5]).
64
Device Pins
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com