Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP8228J Datasheet(PDF) 3 Page - Texas Instruments

Part # DP8228J
Description  System Controller and Bus Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP8228J Datasheet(HTML) 3 Page - Texas Instruments

  DP8228J Datasheet HTML 1Page - Texas Instruments DP8228J Datasheet HTML 2Page - Texas Instruments DP8228J Datasheet HTML 3Page - Texas Instruments DP8228J Datasheet HTML 4Page - Texas Instruments DP8228J Datasheet HTML 5Page - Texas Instruments DP8228J Datasheet HTML 6Page - Texas Instruments DP8228J Datasheet HTML 7Page - Texas Instruments DP8228J Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Storage Temperature
b
65 Cto a150 C
Supply Voltage VCC
b
05 to a7V
Input Voltage
b
15V to a7V
Output Current
100 mA
Maximum Power Dissipation at 25 C
Cavity Package
2179 mW
Molded Package
2361 mW
Derate cavity package 145 mW C above 25 C derate molded package
189 mW C above 25 C
Operating Conditions
Min
Max
Units
Supply Voltage (VCC)
DP8228M DP8238M
450
550
VDC
DP8228 DP8238
475
525
VDC
Operating Temperature (TA)
DP8228M DP8238M
b
55
a
125
C
DP8228 DP8238
0
a
70
C
Note
Maximum ratings indicate limits beyond which perma-
nent damage may occur Continuous operation at these lim-
its is not intended and should be limited to those conditions
specified under DC electrical characteristics
Electrical Characteristics Min s TA s Max Min s VCC s Max unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 1)
VC
Input Clamp Voltage All Inputs
VCC e Min IC eb5 mA
06
b
10
V
IF
Input Load
STSTB
VCC e Max
500
m
A
Current
D2 and D6
VF e 045V for DP8228 DP8238
750
m
A
D0 D1 D4
VF e 040V for DP8228M DP8238M
250
m
A
D5 and D7
All Other
250
m
A
Inputs
IR
Input Leakage
DB0 – DB7
VCC e Max VR e VCC
20
m
A
Current
All Other
100
m
A
Inputs
VTH
Input Threshold Voltage
VCC e 5V
08
20
V
All Inputs
ICC
Power Supply Current
VCC e Max
DP8228 DP8238
185
230
mA
DP8228M DP8238M
160
230
mA
VOL
Output Low
D0 – D7
VCC e Min
DP8228M DP8238M
050
V
Voltage
IOL e 2mA
DP8228 DP8238
045
V
All Other
VCC e Min
DP8228M DP8238M
050
V
Outputs
IOL e 10 mA
DP8228 DP8238
045
V
VOH
Output High
D0 – D7
VC e Min
DP8228M DP8238M
33
38
V
IOL eb10 mA
DP8228 DP8238
36
38
V
All Other
VCC e Min IOH eb1mA
24
38
V
Outputs
IOS
Short Circuit Current All Outputs
VCC e 5V VO e 0V
15
90
mA
IO (OFF)
OFF State Output Current
VCC e Max VO e VCC
100
m
A
All Control Outputs
VCC e Max VO e 045V
b
100
m
A
IINT
INTA Current
(See Test Conditions
Figure 3 )5
mA
Note 1
Typical values are for TA e 25 C and typical supply voltages
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com