Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP83848MPHPREP Datasheet(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848MPHPREP
Description  PHYTER MILITARY TEMPERATURE SINGLE PORT 10/100 MB/S ETHERNET PHYSICAL LAYER TRANSCEIVER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848MPHPREP Datasheet(HTML) 58 Page - Texas Instruments

Back Button DP83848MPHPREP Datasheet HTML 54Page - Texas Instruments DP83848MPHPREP Datasheet HTML 55Page - Texas Instruments DP83848MPHPREP Datasheet HTML 56Page - Texas Instruments DP83848MPHPREP Datasheet HTML 57Page - Texas Instruments DP83848MPHPREP Datasheet HTML 58Page - Texas Instruments DP83848MPHPREP Datasheet HTML 59Page - Texas Instruments DP83848MPHPREP Datasheet HTML 60Page - Texas Instruments DP83848MPHPREP Datasheet HTML 61Page - Texas Instruments DP83848MPHPREP Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 92 page
background image
RJ45
RD–
RD+
TD–
TD+
RD-
RD+
TD-
TD+
1:1
0.1μF*
T1
1:1
49.9
Ω
49.9Ω
0.1μF*
Vdd
NOTE: Center tap is pulled to V
DD.
0.1µF
All values are typical and are +/- 1%
Vdd
49.9
Ω
49.9Ω
0.1µF
Vdd
*Place capacitors close to the
transformer center taps.
Place resistors and
capacitors close to
the device.
Common mode chokes
may be required.
DP83848-EP
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
www.ti.com
7
DESIGN GUIDELINES
7.1
TPI Network Circuit
Figure 7-1 shows the recommended circuit for a 10/100 Mb/s twisted pair interface. To the right is a partial
list of recommended transformers. It is important that the user realize that variations with PCB and
component characteristics requires that the application be tested to ensure that the circuit meets the
requirements of the intended application.
Figure 7-1. 10/100 Mb/s Twisted Pair Interface
7.2
ESD Protection
Typically, ESD precautions are predominantly in effect when handling the devices or board before being
installed in a system. In those cases, strict handling procedures need be implemented during the
manufacturing process to greatly reduce the occurrences of catastrophic ESD events. After the system is
assembled, internal components are less sensitive from ESD events.
See for ESD rating.
7.3
Clock In (X1) Requirements
The DP83848 supports an external CMOS level oscillator source or a crystal resonator device.
7.3.1
Oscillator
If an external clock source is used, X1 should be tied to the clock source and X2 should be left floating.
Specifications for CMOS oscillators: 25 MHz in MII Mode and 50 MHz in RMII Mode are listed in Table 7-1
and Table 7-2.
58
DESIGN GUIDELINES
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com