Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC7744EB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7744EB
Description  16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7744EB Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC7744EB Datasheet HTML 5Page - Texas Instruments DAC7744EB Datasheet HTML 6Page - Texas Instruments DAC7744EB Datasheet HTML 7Page - Texas Instruments DAC7744EB Datasheet HTML 8Page - Texas Instruments DAC7744EB Datasheet HTML 9Page - Texas Instruments DAC7744EB Datasheet HTML 10Page - Texas Instruments DAC7744EB Datasheet HTML 11Page - Texas Instruments DAC7744EB Datasheet HTML 12Page - Texas Instruments DAC7744EB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
®
DAC7744
TYPICAL PERFORMANCE CURVES: VSS = 0V (Cont.)
At TA = +25°C, VDD = +5V, VCC = +15V, VSS = 0, VREFH = +10V, and VREFL = 0V, representative unit, unless otherwise specified.
BROADBAND NOISE
Time (100
µs/div)
BW = 10kHz
Code = 8000H
+5V
LDAC
0
Time (2
µs/div)
OUTPUT VOLTAGE vs SETTLING TIME
(0V to +10V)
Small-Signal Settling Time: 3LSB/div
Large-Signal Settling Time: 5V/div
+5V
LDAC
0
Time (2
µs/div)
OUTPUT VOLTAGE vs SETTLING TIME
(+10V to 0V)
Small-Signal Settling Time: 3LSB/div
Large-Signal Settling Time: 5V/div
120
100
80
60
40
20
0
Frequency (Hz)
100
1k
10k
100k
1M
OUTPUT NOISE VOLTAGE vs FREQUENCY
+5V
LDAC
0
Time (1
µs/div)
OUTPUT VOLTAGE
MIDSCALE GLITCH PERFORMANCE
7FFF
H to 8000H
+5V
LDAC
0
Time (1
µs/div)
8000
H to 7FFFH
OUTPUT VOLTAGE
MIDSCALE GLITCH PERFORMANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com