Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC7760IPWPR Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7760IPWPR
Description  Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7760IPWPR Datasheet(HTML) 24 Page - Texas Instruments

Back Button DAC7760IPWPR Datasheet HTML 20Page - Texas Instruments DAC7760IPWPR Datasheet HTML 21Page - Texas Instruments DAC7760IPWPR Datasheet HTML 22Page - Texas Instruments DAC7760IPWPR Datasheet HTML 23Page - Texas Instruments DAC7760IPWPR Datasheet HTML 24Page - Texas Instruments DAC7760IPWPR Datasheet HTML 25Page - Texas Instruments DAC7760IPWPR Datasheet HTML 26Page - Texas Instruments DAC7760IPWPR Datasheet HTML 27Page - Texas Instruments DAC7760IPWPR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 63 page
background image
Time (5 µs/div)
IOUT (4 mA/div)
LATCH (5 V/div)
C001
AVDD = +24 V
AVSS = 0 V
From code:FFFFh
To code:
0000h
4 mA to 20 mA range
R
LOAD = 300 Ÿ
Time (60 µs/div)
C001
AVDD = 24 V
AVSS = 0 V
R
LOAD = 300 Ÿ
0
5
10
15
20
25
30
0
1
2
3
4
5
6
Headroom Voltage (V)
C005
AVDD = 36 V
AVSS = 0 V
R
LOAD = 300 Ÿ
DAC configured to deliver 24 mA
Time (5 µs/div)
IOUT (4 mA/div)
LATCH (5 V/div)
C001
4 mA to 20 mA range
R
LOAD = 300 Ÿ
From code: 0000h
To code:
FFFFh
AVDD = +24 V
AVSS = 0 V
-0.12
-0.09
-0.06
-0.03
0.00
0.03
0.06
0.09
0.12
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (oC)
0 mA to 20 mA Internal RSET
0 mA to 24 mA Internal RSET
4 mA to 20 mA Internal RSET
0 mA to 20 mA External RSET
0 mA to 24 mA External RSET
4 mA to 20 mA External RSET
C007
AVDD = 10 V
AVSS = 0 V
R
LOAD = 300 Ÿ
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (oC)
C004
AVDD = 36 V
AVSS = 0 V
IOUT = 24 mA
R
LOAD = 300 Ÿ
24
DAC7760, DAC8760
SBAS528B – JUNE 2013 – REVISED JUNE 2016
www.ti.com
Product Folder Links: DAC7760 DAC8760
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, unless otherwise noted.
Figure 70. IOUT Gain Error vs Temperature
Figure 71. Compliance Headroom Voltage(1) vs Temperature
Figure 72. IOUT vs Compliance Headroom Voltage(1)
Figure 73. 4-mA to 20-mA Rising
Figure 74. 4-mA to 20-mA Falling
Figure 75. IOUT Power-On Glitch
(1)
Compliance voltage headroom is defined as the drop from AVDD pin to the IOUT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com