Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC7642VF Datasheet(PDF) 17 Page - Texas Instruments

Part # DAC7642VF
Description  16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7642VF Datasheet(HTML) 17 Page - Texas Instruments

Back Button DAC7642VF Datasheet HTML 13Page - Texas Instruments DAC7642VF Datasheet HTML 14Page - Texas Instruments DAC7642VF Datasheet HTML 15Page - Texas Instruments DAC7642VF Datasheet HTML 16Page - Texas Instruments DAC7642VF Datasheet HTML 17Page - Texas Instruments DAC7642VF Datasheet HTML 18Page - Texas Instruments DAC7642VF Datasheet HTML 19Page - Texas Instruments DAC7642VF Datasheet HTML 20Page - Texas Instruments DAC7642VF Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
DAC7642, DAC7643
17
SBAS233
www.ti.com
INPUT
DAC
DACSEL
R/W
CS
RST
LOADDACS
REGISTER
REGISTER
MODE
DAC
L
L
L
L, H
X
Write
Hold
Write Input
A
H
L
L
L, H
X
Write
Hold
Write Input
B
L
H
L
L, H
X
Read
Hold
Read Input
A
H
H
L
L, H
X
Read
Hold
Read Input
B
X
X
H
L, H
↑
Hold
Write
Update
All
X
X
H
L, H
L, H
Hold
Hold
Hold
All
XX
X
↑
L, H
Reset
Reset
Reset
All
TABLE I. DAC7642 and DAC7643 Logic Truth Table.
t
RCS
CS
t
RDS
t
RDH
t
AS
t
CSD
t
DZ
t
AH
R/W
DACSEL
Data Out
Data Valid
t
WCS
CS
t
WS
t
AS
t
AH
t
WH
R/W
DACSEL
t
LS
t
LWD
t
LH
t
S
±0.003% of FSR
Error Band
±0.003% of FSR
Error Band
t
LX
LOADDACS
t
DS
t
DH
Data In
V
OUT
t
S
Data Read Timing
Data Write Timing
t
RSH
RST
V
OUT
+FS
–FS
(DAC7643)
Zero-Scale
V
OUT
+FS
–FS
(DAC7642)
Midscale
t
RSS
FIGURE 14. Digital Input and Output Timing.
(1)
DIGITAL TIMING
Figure 14 and Table II provide detailed timing for the digital
interface of the DAC7642 and DAC7643.
DIGITAL INPUT CODING
The DAC7642 and DAC7643 input data is in Straight Binary
format. The output voltage is given by Equation 1:
VV
L
VH
VL
N
OUT
REF
REF
REF
=+ (
)
–•
,
65 536
where N is the digital input code. This equation does not
include the effects of offset (zero-scale) or gain (full-scale)
errors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com