| Electronic Components Datasheet Search |
|
CD74FCT541M Datasheet(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CD74FCT541M Datasheet(HTML) 2 Page - Texas Instruments |
|
2 / 12 page ![]() CD74FCT541 BiCMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS SCBS741 – JULY 2000 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 logic symbol† † This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12. 2 A1 3 A2 4 A3 5 A4 6 A5 7 A6 8 A7 9 A8 Y1 18 Y2 17 Y3 16 Y4 15 Y5 14 Y6 13 Y7 12 Y8 11 1 19 OE1 OE2 EN & 1 logic diagram (positive logic) OE1 OE2 To Seven Other Channels A1 Y1 1 19 218 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)‡ DC supply voltage range, VCC –0.5 V to 6 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DC input clamp current, IIK (VI < –0.5 V) –20 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DC output clamp current, IOK (VO < –0.5 V) –50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DC output sink current per output pin, IOL 70 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DC output source current per output pin, IOH –30 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous current through VCC, ICC 140 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous current through GND 528 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Note 1): E package 69 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . M package 58 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . SM package 70 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg –65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTE 1: The package thermal impedance is calculated in accordance with JESD 51. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |