Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CD74FCT646 Datasheet(PDF) 3 Page - Texas Instruments

Part # CD74FCT646
Description  BiCMOS OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74FCT646 Datasheet(HTML) 3 Page - Texas Instruments

  CD74FCT646 Datasheet HTML 1Page - Texas Instruments CD74FCT646 Datasheet HTML 2Page - Texas Instruments CD74FCT646 Datasheet HTML 3Page - Texas Instruments CD74FCT646 Datasheet HTML 4Page - Texas Instruments CD74FCT646 Datasheet HTML 5Page - Texas Instruments CD74FCT646 Datasheet HTML 6Page - Texas Instruments CD74FCT646 Datasheet HTML 7Page - Texas Instruments CD74FCT646 Datasheet HTML 8Page - Texas Instruments CD74FCT646 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CD74FCT646
BiCMOS OCTAL BUS TRANSCEIVER AND REGISTER
WITH 3-STATE OUTPUTS
SCBS735A – JULY 2000 – REVISED JULY 2000
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
FUNCTION TABLE
INPUTS
DATA I/O
OPERATION OR
OE
DIR
CLKAB
CLKBA
SAB
SBA
A1–A8
B1–B8
FUNCTION
X
X
↑
X
X
X
Input
Unspecified†
Store A, B unspecified†
X
XX
↑
X
X
Unspecified†
Input
Store B, A unspecified†
H
X
↑
↑
X
X
Input
Input
Store A and B data
H
X
H or L
H or L
X
X
Input disabled
Input disabled
Isolation, hold storage
L
L
X
X
X
L
Output
Input
Real-time B data to A bus
L
L
X
H or L
X
H
Output
Input
Stored B data to A bus
L
H
X
X
L
X
Input
Output
Real-time A data to B bus
L
H
H or L
X
H
X
Input
Output
Stored A data to B bus
† The data-output functions can be enabled or disabled by various signals at OE and DIR. Data-input functions always are
enabled; i.e., data at the bus terminals is stored on every low-to-high transition of the clock inputs.
logic symbol‡
‡ This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
A1
4
B1
20
4D
5
7
7
5
1
1
6D
≥1
≥1
1
2
A2
5
B2
19
A3
6
B3
18
A4
7
B4
17
A5
8
B5
16
A6
9
B6
15
A7
10
B7
14
A8
11
B8
13
OE
G3
21
3 EN2 [AB]
G5
22
SBA
3 EN1 [BA]
3
DIR
23
CLKBA
1
CLKAB
G7
2
SAB
C6
C4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com