Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3935 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 3935
Description  3-PHASE POWER MOSFET CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3935 Datasheet(HTML) 4 Page - Allegro MicroSystems

  3935 Datasheet HTML 1Page - Allegro MicroSystems 3935 Datasheet HTML 2Page - Allegro MicroSystems 3935 Datasheet HTML 3Page - Allegro MicroSystems 3935 Datasheet HTML 4Page - Allegro MicroSystems 3935 Datasheet HTML 5Page - Allegro MicroSystems 3935 Datasheet HTML 6Page - Allegro MicroSystems 3935 Datasheet HTML 7Page - Allegro MicroSystems 3935 Datasheet HTML 8Page - Allegro MicroSystems 3935 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
3935
THREE-PHASE POWER
MOSFET CONTROLLER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
4
ELECTRICAL CHARACTERISTICS: unless otherwise noted at T
J = -40°C to +150°C, VBAT = 7 V to 16 V,
V
DD = 4.75 V to 5.25 V, ENABLE = 22.5 kHz, 50% Duty Cycle, Two Phases Active.
Limits
Characteristics
Symbol
Conditions
Min
Typ
Max
Units
Power Supply
V
DD Supply Current
I
DD
All logic inputs = 0 V
–
–
7.0
mA
V
BAT Supply Current
I
BAT
All logic inputs = 0 V
–
–
3.0
mA
Battery Voltage Operating Range
V
BAT
7.0
–
40
V
Bootstrap Diode Forward Voltage
V
DBOOT
I
DBOOT = -Icx = 10 mA, VDBOOT = VREG – VCX
0.8
–
2.0
V
I
DBOOT = -Icx = 100 mA
1.5
–
2.3
V
Bootstrap Diode Resistance
r
DBOOT
r
D(100 mA) = [VD(150 mA) – VD(50 mA)]/100 mA
2.5
–
7.5
Ω
Bootstrap Diode Current Limit
I
DM
3 V < [V
REG – VCX] < 12 V
-150
–
-1150
mA
Bootstrap Quiescent Current
I
CX
V
CX = 40 V, GHx = ON
10
–
30
µA
Bootstrap Refresh Time
t
refresh
V
SX = low to guarantee ∆V = +0.5 V refresh of
–
–
2.0
µs
0.47 µF Boot Cap at V
cx – Vsx = +10 V
VREG Output Voltage 1
V
REG
V
BAT = 7 V to 40 V, VBOOST from Boost Reg
12.7
–
14
V
VREG Dropout Voltage 2
V
REGDO
V
REGDO = Vboost – Vreg, Ireg = 40 mA
–
0.9
–
V
Gate Drive Avg. Supply Current
I
REG
No external dc load at VREG, C
REG = 10 µF
–
–
40
mA
VREG Input Bias Current
I
REGBIAS
Current into V
BOOST, ENABLE = 0
–
–
4.0
mA
Boost Supply
V
BOOST Output Voltage Limit
V
BOOSTM
V
BAT = 7 V
14.9
–
16.3
V
V
BOOST Output Volt. Limit Hyst.
∆V
BOOSTM
35
–
180
mV
Boost Switch ON Resistance
r
DS(on)
I
BOOSTD <
300 mA
–
1.4
3.3
Ω
Max. Boost Switch Current
I
BOOSTSW
–
–
300
mA
Boost Current Limit Threshold Volt.
V
BI(th)
Increasing V
BOOSTS
0.45
–
0.55
V
OFF Time
t
off
3.0
–
8.0
µs
Blanking Time
t
blank
100
–
220
ns
NOTES: Typical Data and Typical Characteristics are for design information only.
Negative current is defined as coming out of (sourcing) the specified device terminal.
1. For V
BOOSTM < VBOOST < 40 V power dissipation in the VREG LDO increases. Observe TJ < 150 °C limit.
2. With V
BOOST decreasing Dropout Voltage measured at VREG = VREGref – 200 mV where VREG(ref) = VREG at VBOOST = 16 V.
Continued next page …



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com