Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD5253 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5253
Description  Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5253 Datasheet(HTML) 3 Page - Analog Devices

  AD5253 Datasheet HTML 1Page - Analog Devices AD5253 Datasheet HTML 2Page - Analog Devices AD5253 Datasheet HTML 3Page - Analog Devices AD5253 Datasheet HTML 4Page - Analog Devices AD5253 Datasheet HTML 5Page - Analog Devices AD5253 Datasheet HTML 6Page - Analog Devices AD5253 Datasheet HTML 7Page - Analog Devices AD5253 Datasheet HTML 8Page - Analog Devices AD5253 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD5253/AD5254
Rev. 0 | Page 3 of 28
ELECTRICAL CHARACTERISTICS
1 kΩ VERSION
VDD = +3 V ± 10% or +5 V ± 10%, VSS = 0 V or VDD/VSS = ±2.5 V ± 10%, VA = +VDD, VB = 0 V, –40°C < TA < +85°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DC CHARACTERISTICS—RHEOSTAT MODE
Resolution
N
AD5253/AD5254
6/8
Bits
Resistor Differential Nonlinearity2
R-DNL
RWB, RWA = NC, VDD = 5.5V, AD5253
–0.5
±0.2
+0.5
LSB
RWB, RWA = NC, VDD = 5.5V, AD5254
–1
±0.25
+1
LSB
RWB, RWA = NC, VDD = 2.7V, AD5253
–0.75
±0.3
+0.75
LSB
RWB, RWA = NC, VDD = 2.7V, AD5254
–1.5
±0.3
+1.5
LSB
Resistor Nonlinearity2
R-INL
RWB, RWA = NC, VDD = 5.5V, AD5253
–0.5
±0.2
+0.5
LSB
RWB, RWA = NC, VDD = 5.5V, AD5254
–2
±0.5
+2
LSB
RWB, RWA = NC, VDD = 2.7V, AD5253
–1
+2.5
+4
LSB
RWB, RWA = NC, VDD = 2.7V, AD5254
–2
+9
+14
LSB
Nominal Resistor Tolerance
∆RAB/RAB
TA = 25°C
–30
+30
%
Resistance Temperature
Coefficient
(∆RAB/RAB) × 106/∆T
650
ppm/°C
Wiper Resistance
RW
IW = 1 V/R, VDD = 5 V
75
130
Ω
IW = 1 V/R, VDD = 3 V
200
300
Ω
Channel Resistance Matching
∆RAB1/∆RAB2
0.15
%
DC CHARACTERISTICS—POTENTIOMETER DIVIDER MODE
Differential Nonlinearity3
DNL
AD5253
–0.5
±0.1
+0.5
LSB
AD5254
–1
±0.25
+1
LSB
Integral Nonlinearity3
INL
AD5253
–0.5
±0.2
+0.5
LSB
AD5254
–2
±0.5
+2
LSB
Voltage Divider Temperature
Coefficient
(∆VW/VW) × 106/∆T
Code = Half scale
25
ppm/°C
Full-Scale Error
VWFSE
Code = Full scale, VDD = 5.5 V, AD5253
–5
–3
0
LSB
Code = Full scale, VDD = 5.5 V, AD5254
–16
–11
0
LSB
Code = Full scale, VDD = 2.7 V, AD5253
–6
–4
0
LSB
Code = Full scale, VDD = 2.7 V, AD5254
–23
–16
0
LSB
Zero-Scale Error
VWZSE
Code = Zero scale, VDD = 5.5 V, AD5253
0
3
5
LSB
Code = Zero scale, VDD = 5.5 V, AD5254
0
11
16
LSB
Code = Zero scale, VDD = 2.7 V, AD5253
0
4
6
LSB
Code = Zero scale, VDD = 2.7 V, AD5254
0
15
20
LSB
RESISTOR TERMINALS
Voltage Range4
VA, VB, VW
VSS
VDD
V
Capacitance5 Ax, Bx
CA, CB
f = 1 kHz, measured to GND,
Code = Half scale
85
pF
Capacitance5 Wx
CW
f = 1 kHz, measured to GND,
Code = Half scale
95
pF
Common-Mode Leakage
Current
ICM
VA = VB = VDD /2
0.01
1
µA
DIGITAL INPUTS AND OUTPUTS
Input Logic High
VIH
VDD = 5 V, VSS = 0 V
2.4
V
VDD/VSS = +2.7 V/0 V or VDD/VSS = ±2.5 V
2.1
V
Input Logic Low
VIL
VDD =5 V, VSS = 0 V
0.8
V
VDD/VSS = +2.7 V/0 V or VDD/VSS = ±2.5 V
0.6
V
Output Logic High (SDA)
VOH
RPULL-UP = 2.2 kΩ to VDD = 5 V, VSS = 0 V
4.9
V
Output Logic Low (SDA)
VOL
RPULL-UP = 2.2 kΩ to VDD =5 V, VSS = 0 V
0.4
V
WP Leakage Current
IWP
WP = VDD
5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com