Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS10CP152QMA/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DS10CP152QMA/NOPB
Description  Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS10CP152QMA/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  DS10CP152QMA/NOPB Datasheet HTML 1Page - Texas Instruments DS10CP152QMA/NOPB Datasheet HTML 2Page - Texas Instruments DS10CP152QMA/NOPB Datasheet HTML 3Page - Texas Instruments DS10CP152QMA/NOPB Datasheet HTML 4Page - Texas Instruments DS10CP152QMA/NOPB Datasheet HTML 5Page - Texas Instruments DS10CP152QMA/NOPB Datasheet HTML 6Page - Texas Instruments DS10CP152QMA/NOPB Datasheet HTML 7Page - Texas Instruments DS10CP152QMA/NOPB Datasheet HTML 8Page - Texas Instruments DS10CP152QMA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2 x 2
IN0+
IN0-
IN1+
IN1-
EN0
OUT0+
EN1
OUT0-
OUT1+
OUT1-
SEL1
SEL0
DS10CP152Q
SNLS295E – MAY 2008 – REVISED APRIL 2013
www.ti.com
Block Diagram
Connection Diagram
Figure 1. DS10CP152Q Pin Diagram
PIN DESCRIPTIONS
Pin Name
Pin
I/O, Type
Pin Description
Number
IN0+, IN0- ,
3, 4,
I, LVDS
Inverting and non-inverting high speed LVDS input pins.
IN1+, IN1-
6, 7
OUT0+, OUT0-,
14, 13,
O, LVDS
Inverting and non-inverting high speed LVDS output pins.
OUT1+, OUT1-
11, 10
SEL1, SEL0
1, 2
I, LVCMOS
Switch configuration pins.
EN0, EN1
16, 15
I, LVCMOS
Output enable pins.
NC
8, 9
NC
"NO CONNECT" pins.
VDD
5
Power
Power supply pin.
GND
12
Power
Ground pin.
2
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: DS10CP152Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com