| Electronic Components Datasheet Search |
|
DS14C89AM/NOPB Datasheet(PDF) 3 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DS14C89AM/NOPB Datasheet(HTML) 3 Page - Texas Instruments |
|
3 / 11 page ![]() DS14C89A www.ti.com SNLS081C – MAY 1998 – REVISED APRIL 2013 Electrical Characteristics Over recommended operating conditions, unless otherwise specified Symbol Parameter Conditions Min Typ Max Units VTH Input High Threshold 1.3 2.7 V VTL Input Low Threshold 0.5 1.9 V VHY Typical Input Hysteresis 1.0 V IIN Input Current VIN = +25V VCC = +4.5V to +5.5V 3.6 8.3 mA VIN = −25V −3.6 −8.3 mA VIN = +3V 0.43 1.0 mA VIN = −3V −0.43 −1.0 mA VIN = +15V VCC = 0V (Power-Off) (1) 2.14 5.0 mA VIN = −15V −2.14 −5.0 mA VIN = +3V 0.43 1.0 mA VIN = −3V −0.43 −1.0 mA VOH Output High Voltage VIN = VTL (min) IOUT = −3.2 mA 2.8 4.0 V IOUT = −20μA 3.5 4.7 V VOL Output Low Voltage VIN = VTH (max) 0.15 0.4 V IOUT = +3.2 mA ICC Supply Current No Load, VIN = 2.7V or 0.5V 0.5 900 μA (1) Under the power-off supply conditions it is assumed that the power supply potential drops to zero (0V) and is replaced by a low impedance or short circuit to ground. AC Electrical Characteristics (1) Over recommended operating conditions, unless otherwise specified, CI = 50 pF Symbol Parameter ConditIons Min Typ Max Units tPLH Propagation Delay Low to High Input Pulse Width ≥ 10 μs 3.5 6.5 μs tPHL Propagation Delay High to Low Input Pulse Width ≥ 10 μs 3.2 6.5 μs tSK Typical Propagation Delay Skew 400 ns tr Output Rise TIme 40 300 ns tf Output Fall Time 40 300 ns tnw Pulse Width assumed to be Noise 1.0 μs (1) AC input waveforms for test purposes: tr = tf = 200 ns, VIH = +3V, VL = −3V, f = 20 KHz. Copyright © 1998–2013, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: DS14C89A |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |