Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDCM7005HFG/EM Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM7005HFG/EM
Description  CDCM7005-SP 3.3-V High Performance Rad-Tolerant Class V, Clock Synchronizer and Jitter Cleaner
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM7005HFG/EM Datasheet(HTML) 28 Page - Texas Instruments

Back Button CDCM7005HFG/EM Datasheet HTML 24Page - Texas Instruments CDCM7005HFG/EM Datasheet HTML 25Page - Texas Instruments CDCM7005HFG/EM Datasheet HTML 26Page - Texas Instruments CDCM7005HFG/EM Datasheet HTML 27Page - Texas Instruments CDCM7005HFG/EM Datasheet HTML 28Page - Texas Instruments CDCM7005HFG/EM Datasheet HTML 29Page - Texas Instruments CDCM7005HFG/EM Datasheet HTML 30Page - Texas Instruments CDCM7005HFG/EM Datasheet HTML 31Page - Texas Instruments CDCM7005HFG/EM Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
T0061-01
CTRL_DATA
CTRL_LE
CTRL_CLK
t
h2
t
su5
t
su6
t
4
t
7
t
su1
t
3
Bit31(MSB)
Bit2
Bit1
Bit0
Bit30
28
CDCM7005-SP
SGLS390G – JULY 2009 – REVISED NOVEMBER 2015
www.ti.com
Product Folder Links: CDCM7005-SP
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
9.5 Programming
9.5.1 SPI Control Interface
The serial interface of the CDCM7005-SP is a simple SPI-compatible interface for writing to the registers of the
device and consists of three control lines: CTRL_CLK, CTRL_DATA, and CTRL_LE. There are four 32 bit wide
registers, which can be addressed by the two LSBs of a transferred word (bit 0 and bit 1). Every transmitted word
must have 32 bits, starting with MSB first. Each word can be written separately. Bit 7, 8, 10, and Bit 12 to 31 of
Word 3 are reserved for factory test purposes and must be filled with zeros. The transfer is initiated with the
falling edge of CTRL_LE; as long as CTRL_LE is high, no data can be transferred. During CTRL_LE, low data
can be written. The data has to be applied at CTRL_DATA and has to be stable before the rising edge of
CTRL_CLK. The transmission is finished by a rising edge of CTRL_LE. With the rising edge of CTRL_LE, the
new word is asynchronously transferred to the internal register (for example, N, M, P, ...). Each word has to be
separately transmitted by this procedure. Unused or floating inputs must be tied to proper logic level. It is
recommended to use a 20-k
Ω or larger pullup resistor to VCC.
Figure 24. Timing Diagram SPI Control Interface
The SPI serial protocol accepts word Write operation only. There is neither a read, acknowledge, nor a
handshake operation.
The following four words include the register settings of the programmable functions of the CDCM7005-SP. It can
be modified to the customer application by changing one or more bits. It comes up with a default register setting
after power up or if the power down (PD) control signal is applied. The default setting is shown in column five of
the following words.
It is recommended to program Word 0, Word 1, Word 2 and Word 3 right after power up and PD becomes HIGH.
A low active function is shown as [0] and a high active function is shown as [1].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com