Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP83861 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83861
Description  Gig PHYTER 10/100/1000 Ethernet Physical Layer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83861 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button DP83861 Datasheet HTML 9Page - National Semiconductor (TI) DP83861 Datasheet HTML 10Page - National Semiconductor (TI) DP83861 Datasheet HTML 11Page - National Semiconductor (TI) DP83861 Datasheet HTML 12Page - National Semiconductor (TI) DP83861 Datasheet HTML 13Page - National Semiconductor (TI) DP83861 Datasheet HTML 14Page - National Semiconductor (TI) DP83861 Datasheet HTML 15Page - National Semiconductor (TI) DP83861 Datasheet HTML 16Page - National Semiconductor (TI) DP83861 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 88 page
background image
13
www.national.com
If both the link partner and the local device are manually
given the same MASTER/SLAVE assignment, then an
error condition will exist as indicated by bit 15 of register
0x0A. If one of the link partners is manually assigned a
Master/Slave status while the other is not, then the manual
assignment will take higher priority during the resolution
process.
When Manual Slave or Manual Master mode is enabled
Auto-Negotiation should also be enabled as per the 802.3
IEEE specification. The DP83861, however will link up to
another DP83861 when Auto-Negotiation is disabled and
one DP83861 is manually configured as a Master and the
other is manually configured as a Slave.
An alternative way of specifying Master or Slave mode is to
use the Port_Type strapping option pin 208 or by writing to
register 0x09 bit 10. When pin 208 is pulled high or a 1 is
written to bit 10 the part will advertise that it wants to be a
Master. When pin 208 is pulled low or a 0 is written to bit 10
the part will advertise that it wants to be a Slave. If two
devices advertise that they want to both be Master or both
to be Slaves then the Auto-Negotiation statemachine will
go through a random number arbitration sequence to pick
which one will be the Master and which one will be the
Slave. Using this method will eliminate the chance of an
unresolved link.
2.3 Auto-Negotiation
All 1000BASE-T PHYs are required to support Auto-Nego-
tiation. The Auto-Negotiation function in 1000BASE-T has
four primary purposes:
— Auto-Negotiation Priority Resolution
— Auto-Negotiation MASTER/SLAVE Resolution
— Auto-Negotiation PAUSE/ ASYMMETRICAL PAUSE
Resolution
— Auto-MDIX resolution
2.3.1 Auto-Negotiation Priority Resolution
First the Auto-Negotiation function provides a mechanism
for exchanging configuration information between two ends
of a link segment and automatically selecting the highest
performance mode of operation supported by both devices.
Fast Link Pulse (FLP) Bursts provide the signalling used to
communicate
Auto-Negotiation
abilities
between
two
devices at each end of a link segment. For further details
regarding Auto-Negotiation, refer to Clause 28 of the IEEE
802.3u specification. The DP83861 supports six different
Ethernet protocols: 10BASE-T Full Duplex, 10BASE-T Half
Duplex, 100BASE-TX Full Duplex, 100BASE-TX Half
Duplex, 1000BASE-T Full Duplex and 1000BASE-T Half
Duplex, so the inclusion of Auto-Negotiation ensures that
the highest performance protocol will be selected based on
the advertised ability of the Link Partner.
Auto-Negotiation Priority Resolution for the DP83861:
1. 1000BASE-T Full Duplex (Highest Priority)
2. 1000BASE-T Half Duplex
3. 100BASE-TX Full Duplex
4. 100BASE-TX Half Duplex
5. 10BASE-T Full Duplex
6. 10BASE-T Half Duplex (Lowest Priority)
2.3.2 Auto-Negotiation MASTER/SLAVE Resolution
The second goal of Auto-Negotiation in 1000BASE-T
devices is to resolve MASTER/SLAVE configuration. If both
devices have disabled manual Master/Slave configuration,
MASTER priority is given to the devices which support mul-
tiport nodes (i.e. Switches and Repeaters take higher
priority over DTEs or single node systems.).
SPEED[0]/PORT_TYPE is a strap option for advertising
the Multi-node functionality. (See Table 4) If both PHYs
advertise the same options then the Master/Slave resolu-
tion is resolved by a random number generation. See IEEE
802.3ab Clause 40.5.1.2 and Table 3 for more details.
2.3.3 Auto-Negotiation PAUSE and Asymmetrical
PAUSE Resolution
Auto-Negotiation is also used to determine the Flow Con-
trol capabilities of the two link partners. Flow control was
originally introduced as a mechanism to force a busy sta-
tion’s Link Partner to stop sending data when in Full Duplex
mode of operation. Unlike Half Duplex mode of operation
where a link partner could be forced to back off by simply
causing collisions, the Full Duplex operation needed a for-
mal mechanism to slow down a link partner in the event of
the receiving station’s buffers becoming full. A new MAC
control layer was added to handle the generation and
reception of Pause Frames which contained a timer indi-
cating the amount of Pause requested. Each MAC/Control-
ler has to advertise whether it can handle PAUSE frames,
and whether they support PAUSE frames in both direc-
tions. (i.e. receive and transmit. If the MAC/Controller will
only generate PAUSE frames but will not respond to
PAUSE frames generated by a link partner, then this is
called Asymmetrical PAUSE.) Advertisement of these
capabilities can be achieved by writing a ‘1’ to bits 10 and
11 of the Auto-Neg Advertisement register (Address 0x04).
The link partners PAUSE capabilities can be determined
from register 0x05 using these same bits. The MAC/con-
troller has to write to and read from these registers and
determine which mode of PAUSE operation to choose. The
PHY layer is not involved in Pause resolution other than
the simple advertising and reporting of PAUSE capabilities.
These capabilities are MAC specific. The MAC conveys
these capabilities by writing to the appropriate PHY regis-
ters.
2.3.4 Auto-Negotiation Auto-MDIX Resolution
The DP83861 can determine if a “straight” or “cross-over”
cable is being used to connect to the link partner and can
automatically re-assign channel A and channel B to estab-
lish link with the link partner. Although not part of the Auto-
Negotiation FLP exchange process, the Auto-MDIX resolu-
tion requires that Auto-Negotiation is enabled. Auto-MDIX
resolution will precede the actual Auto-Negotiation process
which involves exchange of FLPs to advertise capabilities.
If Auto-Negotiation is not enabled, then the MDIX function
can be manually configured by disabling Auto-MDIX. See
Section 8.16 on FAQs for details.
2.3.5 Auto-Negotiation Strap Option Control
The Auto-Negotiation function within the DP83861 can be
controlled either by internal register access or by the use of
the AN_EN, and various strap pin values during power-
on/reset. Table 4 shows how the various strap pin values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com