Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP8570AVX/NOPB Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # DP8570AVX/NOPB
Description  DP8570A Timer Clock Peripheral
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP8570AVX/NOPB Datasheet(HTML) 22 Page - Texas Instruments

Back Button DP8570AVX/NOPB Datasheet HTML 18Page - Texas Instruments DP8570AVX/NOPB Datasheet HTML 19Page - Texas Instruments DP8570AVX/NOPB Datasheet HTML 20Page - Texas Instruments DP8570AVX/NOPB Datasheet HTML 21Page - Texas Instruments DP8570AVX/NOPB Datasheet HTML 22Page - Texas Instruments DP8570AVX/NOPB Datasheet HTML 23Page - Texas Instruments DP8570AVX/NOPB Datasheet HTML 24Page - Texas Instruments DP8570AVX/NOPB Datasheet HTML 25Page - Texas Instruments DP8570AVX/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Application Hints
Suggested Initialization Procedure for DP8570A in bat-
tery backed applications that use the VBB pin
1 Enter the test mode by writinga1tobit D7 in the Period-
ic Flag Register
2 Write zero to the RAMTEST mode Register located in
page 0 address HEX 1F
3 Leave the test mode by writinga0tobit D7 in the Period-
ic Flag Register Steps 1 2 3 guarantee that if the test
mode had been entered during power on (due to random
pulses from the system) all test mode conditions are
cleared Most important is that the OSC Fail Disable bit is
cleared Refer to AN-589 for more information on test
mode operation
4 After power on (VCC and VBB powered) select the cor-
rect crystal frequency bits (D7 D6 in the Real Time Mode
Register) as shown in Table I
TABLE I
Frequency
D7
D6
32768 kHz
0
0
4194304 MHz
0
1
49152 MHz
1
0
320 kHz
1
1
5 Enter a software loop that does the following
Set a 3 second (approx) software counter The crystal
oscillator may take 1 second to start
51 Writea1tobit D3 in the Real Time Mode Register
(try to start the clock) Make sure the crystal select
bits remain the same as in step 1 Under normal
operation this bit can be set only if the oscillator is
running During the software loop RAM real time
counters output configuration interrupt control and
timer functions may be initialized
6 Test bit D6 in the Periodic Flag Register
IFa1
go to 51 If this bit remains a 1 after 3 seconds
then abort and check hardware The crystal may be de-
fective or not installed There may be a short at OSC IN
or OSC OUT to VCC or GND or to some impedance that
is less than 10 MX
IFa0
then the oscillator is running go to step 7
7 Writea0tobit D6 in the Periodic Flag Register This
action puts the clock chip in the battery backed mode
This mode can be entered only if the osc fail flag (bit D6
of the Periodic Flag Register) is a 0 Reminder Bit D6 is
a dual function bit When read D6 returns oscillator
status
When written
D6 causes either the Battery
Backed Mode or the Single Supply Mode of operation
The only method to ensure the chip is in the battery
backed mode is to measure the waveform at the OSC
OUT pin If the battery backed mode was selected suc-
cessfully then the peak to peak waveform at OSC OUT
is referenced to the battery voltage If not in battery
backed mode the waveform is referenced to VCC The
measurement should be made with a high impedance
low capacitance probe (10 MX 10 pF oscilloscope
probe or better) Typical peak to peak swings are within
06V of VCC and ground respectively
8 Writea1tobit D7 of Interrupt Control Register 1 This
action enables the PFAIL pin and associated circuitry
9 Writea1tobit D4 of the Real Time Mode Register This
action ensures that bit D7 of Interrupt Control Register 1
remains a 1 when VBB l VCC (Standby Mode)
10 Initialize the rest of the chip as needed
Typical Application
TLF8638 – 22
These components may be necessary to meet UL requirements
for lithium batteries Consult battery manufacturer
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com