Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP83910AV/63SN Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DP83910AV/63SN
Description  DP83910A CMOS SNI Serial Network Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83910AV/63SN Datasheet(HTML) 7 Page - Texas Instruments

Back Button DP83910AV/63SN Datasheet HTML 3Page - Texas Instruments DP83910AV/63SN Datasheet HTML 4Page - Texas Instruments DP83910AV/63SN Datasheet HTML 5Page - Texas Instruments DP83910AV/63SN Datasheet HTML 6Page - Texas Instruments DP83910AV/63SN Datasheet HTML 7Page - Texas Instruments DP83910AV/63SN Datasheet HTML 8Page - Texas Instruments DP83910AV/63SN Datasheet HTML 9Page - Texas Instruments DP83910AV/63SN Datasheet HTML 10Page - Texas Instruments DP83910AV/63SN Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
70 Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)
b
05V to a7V
DC Input Voltage (VIN)
b
05V to VCC a05V
DC Output Voltage (VOUT)
b
05V to VCC a05V
Differential Input Voltage
b
55 to a16V
Differential Output Voltage
0 to 16V
Power Dissipation
500 mW
Storage Temperature
b
65 Cto a150 C
Lead Temperature (Soldering 10 sec)
260 C
ESD (RZAP e 15 kX CZAP e 120 pF)
t
2kV
(Pin 4 e 15 kV)
Note
Absolute maximum ratings are those values beyond
which the safety of the device cannot be guaranteed They
are not meant to imply that the device should be operated at
these limits
Note
An asterisk following a parameter’s symbol indicates that the param-
eter has been characterized but not tested
Note
All specifications in this datasheet are valid only if the mandatory
isolation is employed and all differential signals are taken to exist at the AUI
side of the pulse transformer
80 DC Specifications TA e 0 Cto70 C VCC e 5V g5%
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Controller Interface Pins (COL RXD CRS RXC SEL LBK TXD TXC and TXE)
VIH
Input High Voltage
20
V
VIL
Input Low Voltage
08
V
IIN
Input Leakage
VIN e VCC or GND
b
10
10
m
A
VOH
Output High Voltage
(TTL) IOH e 20 mA
35
V
(CMOS) IOH e 20 mAVCC b 01
V
VOL
Output Low Voltage
(TTL) IOL e 20 mA
04
V
(CMOS) IOL e 20 mA
01
V
ICCO
Operating VCC Supply
10 Mbitsec
70
mA
Current (Note 1)
ICCS
Stand By VCC Supply
10 Mbitsec
65
mA
Current (Note 2)
Differential Pins (TXg RXg and CDg)
VOD
Diff Output Voltage (TXg)78X Termination and
g
550
g
1200
mV
270X from each to GND
(Figure 4)
VOB
Diff Output Voltage
78X Termination and
40
mV
Imbalance (TXg)
270X from each to GND
(Figure 4)
VU
Undershoot Voltage (TXg)78X Termination and
100
mV
270X from each to GND
(Figure 4)
VDS
Diff Squelch Threshold
b
175
b
300
mV
(RXg and CDg)
VCM
Diff Input Common Mode
Voltage (RXg and CDg)
0
55
V
(Note 3)
Oscillator Pins (X1 and X2)
VIH
X1 Input High Voltage
X1 is connected to an oscillator
20
V
and X2 is grounded
VIL
X1 Input Low Voltage
X1 is connected to an oscillator
08
V
and X2 is grounded
IOSC
X1 Input Current
X1 e VCC or GND
b
2
a
2mA
X2 e GND
Note 1
This measurement was made while the DP83910A was undergoing transmission reception and collision detection Also this value was not measured
instantaneously but averaged over a span of several milliseconds (VIN e 24V or 04V and Io e 0 mA)
Note 2
This measurement was made while the DP83910A was sitting idle with TXE low Also this value was not measured instantaneously but averaged over a
span of several milliseconds (VIN e 24V or 04V and Io e 0 mA)
Note 3
This parameter is guaranteed by design and is not tested
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com