Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ28Z560-R1 Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ28Z560-R1
Description  Single Cell Li-Ion Battery Gas Gauge
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z560-R1 Datasheet(HTML) 1 Page - Texas Instruments

  BQ28Z560-R1_14 Datasheet HTML 1Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 2Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 3Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 4Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 5Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 6Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 7Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 8Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
bq28z560-R1
www.ti.com
SLUSBD3 – APRIL 2013
bq28z560-R1 Single Cell Li-Ion Battery Gas Gauge and Protection
Check for Samples: bq28z560-R1
1
FEATURES
Firmware Control of Discharge FET
SHA-1/HMAC Battery Authentication
23
A Comprehensive Single Cell Li-Ion Battery
Manager Integrates All Essential Functions:
I2C™ Communications Interface or HDQ
Single Wire
Gas Gauge
12-pin, 2.5-mm x 4.0-mm SON Package
Low-Side N-CH FET Protection Control
JEITA/Enhanced Charging
APPLICATIONS
Authentication
Tablet PCs
Impedance Track™ Gas Gauging
Slates
Protection Functions Help to Prevent:
Digital Still and Video Cameras
Short-Circuit
Handheld Terminals
Overcurrent Charge and Discharge
MP3 or Multimedia Players
Overvoltage Charge (Overcharge)
Undervoltage (Over-Discharge)
DESCRIPTION
The Texas Instruments bq28z560-R1 device is a battery gas gauge with current and voltage protection, and
secure, SHA-1/HMAC authentication for single-cell Li-Ion battery packs. Designed for battery pack integration,
the bq28z560-R1 requires host microcontroller firmware support for implementation. A system processor
communicates with the bq28z560-R1 using one of two options: an I2C™ serial interface or an HDQ single-wire
configuration to obtain remaining battery capacity, system run-time predictions, and other critical battery
information.
The bq28z560-R1 uses the accurate Texas Instruments Impedance Track™ gas gauging algorithm to report the
status of the cell. The gauge provides information such as state-of-charge (%), run-time to empty (min.), charge
time to full (min.), battery voltage (V), and pack temperature (°C).
The bq28z560-R1 features integrated support for secure battery pack authentication, using the SHA-1/HMAC
authentication algorithm.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Impedance Track is a trademark of Texas Instruments.
3
I2C is a trademark of NXP B.V. Corporation.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.
Not Recommended For New Designs


Similar Part No. - BQ28Z560-R1_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ28Z560-R1 TI1-BQ28Z560-R1 Datasheet
1Mb / 60P
Single Cell Li-Ion Battery Gas Gauge and Protection
More results

Similar Description - BQ28Z560-R1_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ26500 TI-BQ26500 Datasheet
336Kb / 27P
SINGLE-CELL LI-ION AND BATTERY GAS GAUGE IC FOR HANDHELD APPLICATIONS
BQ27000 TI-BQ27000 Datasheet
366Kb / 29P
SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27000 TI-BQ27000_06 Datasheet
557Kb / 31P
SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27000 TI-BQ27000_07 Datasheet
695Kb / 33P
SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
logo
Silicon Standard Corp.
SS4002AG SSC-SS4002AG Datasheet
967Kb / 23P
Smart Li-Ion Battery Gas Gauge
logo
Texas Instruments
BQ28550 TI1-BQ28550 Datasheet
582Kb / 33P
bq28550 Single Cell Li-Ion Battery Gas Gauge and Protection
BQ28Z560-R1 TI1-BQ28Z560-R1 Datasheet
1Mb / 60P
Single Cell Li-Ion Battery Gas Gauge and Protection
BQ27X00-TESTER TI1-BQ27X00-TESTER Datasheet
807Kb / 33P
SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27546-G1 TI1-BQ27546-G1 Datasheet
1Mb / 38P
Single-Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
REVISED DECEMBER 2015
BQ28550-R1 TI1-BQ28550-R1 Datasheet
1Mb / 42P
Single Cell Li-Ion Battery Gas Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com