Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC101S101CIMF Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC101S101CIMF
Description  1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC101S101CIMF Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button ADC101S101CIMF Datasheet HTML 15Page - National Semiconductor (TI) ADC101S101CIMF Datasheet HTML 16Page - National Semiconductor (TI) ADC101S101CIMF Datasheet HTML 17Page - National Semiconductor (TI) ADC101S101CIMF Datasheet HTML 18Page - National Semiconductor (TI) ADC101S101CIMF Datasheet HTML 19Page - National Semiconductor (TI) ADC101S101CIMF Datasheet HTML 20Page - National Semiconductor (TI) ADC101S101CIMF Datasheet HTML 21Page - National Semiconductor (TI) ADC101S101CIMF Datasheet HTML 22Page - National Semiconductor (TI) ADC101S101CIMF Datasheet HTML 23Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Applications Information (Continued)
4.0 SAMPLE CIRCUIT
A typical application of the ADC121S101/101S101/081S101
is shown in Figure 8. The combined analog and digital
supplies are provided in this example by the National
LP2950 low-dropout voltage regulator, available in a variety
of fixed and adjustable output voltages. The supply is by-
passed with a capacitor network located close to the device.
The three-wire interface is also shown connected to a micro-
processor or DSP.
5.0 ANALOG INPUTS
An
equivalent
circuit
for
the
ADC121S101/101S101/
081S101 input channel is shown in Figure 9. The diodes D1
and D2 provide ESD protection for the analog inputs. At no
time should an analog input exceed V
DD + 300 mV or GND
- 300 mV, as these ESD diodes will begin conducting current
into the substrate and affect ADC operation.
The capacitor C1 in Figure 9 typically has a value of 4 pF,
and is mainly due to pin capacitance. The resistor R1 repre-
sents the on resistance of the multiplexer and track / hold
switch, and is typically 100 ohms. The capacitor C2 is the
ADC121S101/101S101/081S101 sampling capacitor, and is
typically 26 pF.
The sampling nature of the analog input causes input current
pulses that result in voltage spikes at the input. The
ADC121S101/101S101/081S101 will deliver best perfor-
mance when driven by a low-impedance source to eliminate
distortion caused by the charging of the sampling capaci-
tance. In applications where dynamic performance is critical,
the input might need to be driven with a low output-
impedance
amplifier.
In
addition,
when
using
the
ADC121S101/101S101/081S101 to sample AC signals, a
band-pass or low-pass filter will reduce harmonics and noise
and thus improve THD and SNR.
6.0 DIGITAL INPUTS AND OUTPUTS
The ADC121S101/101S101/081S101 digital inputs (SCLK
and CS) are not limited by the same absolute maximum
ratings as the analog inputs. The digital input pins are in-
stead limited to +6.5V with respect to GND, regardless of
V
DD,
the supply voltage. This allows the ADC121S101/
101S101/081S101 to be interfaced with a wide range of logic
levels, independent of the supply voltage.
Note that, even though the digital inputs are tolerant of up to
+6.5V above GND, the digital outputs are only capable of
driving V
DD out. In addition, the digital input pins are not
prone to latch-up; SCLK and CS may be asserted before
V
DD without any risk.
7.0 MODES OF OPERATION
The ADC121S101/101S101/081S101 has two possible
modes of operation: normal mode, and shutdown mode. The
ADC121S101/101S101/081S101 enters normal mode (and
a conversion process is begun) when CS is pulled low. The
device will enter shutdown mode if CS is pulled high before
the tenth falling edge of SCLK after CS is pulled low, or will
stay in normal mode if CS remains low. Once in shutdown
mode, the device will stay there until CS is brought low
again. By varying the ratio of time spent in the normal and
shutdown modes, a system may trade-off throughput for
power consumption.
8.0 NORMAL MODE
The best possible throughput is obtained by leaving the
ADC121S101/101S101/081S101 in normal mode at all
times, so there are no power-up delays. To keep the device
in normal mode continuously, CS must be kept low until after
the 10th falling edge of SCLK after the start of a conversion
(remember that a conversion is initiated by bringing CS low).
If CS is brought high after the 10th falling edge, but before
the 16th falling edge, the device will remain in normal mode,
but the current conversion will be aborted, and SDATA will
return to TRI-STATE (truncating the output word).
Sixteen SCLK cycles are required to read all of a conversion
word from the device. After sixteen SCLK cycles have
elapsed, CS may be idled either high or low until the next
conversion. If CS is idled low, it must be brought high again
before the start of the next conversion, which begins when
CS is again brought low.
After sixteen SCLK cycles, SDATA returns to TRI-STATE.
Another conversion may be started, after t
QUIET
has
elapsed, by bringing CS low again.
20110213
FIGURE 9. Sample Circuit
20110214
FIGURE 10. Equivalent Input Circuit
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com