Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADE7751 Datasheet(PDF) 3 Page - Analog Devices

Part # ADE7751
Description  Energy Metering IC with On-Chip Fault Detection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7751 Datasheet(HTML) 3 Page - Analog Devices

  ADE7751 Datasheet HTML 1Page - Analog Devices ADE7751 Datasheet HTML 2Page - Analog Devices ADE7751 Datasheet HTML 3Page - Analog Devices ADE7751 Datasheet HTML 4Page - Analog Devices ADE7751 Datasheet HTML 5Page - Analog Devices ADE7751 Datasheet HTML 6Page - Analog Devices ADE7751 Datasheet HTML 7Page - Analog Devices ADE7751 Datasheet HTML 8Page - Analog Devices ADE7751 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. 0
–3–
ADE7751
Parameter
Value
Unit
Test Conditions/Comments
LOGIC OUTPUTS
4
F1 and F2
Output High Voltage, VOH
ISOURCE = 10 mA
4.5
V min
DVDD = 5 V
Output Low Voltage, VOL
ISINK = 10 mA
0.5
V max
DVDD = 5 V
CF, FAULT, and REVP
Output High Voltage, VOH
ISOURCE = 5 mA
4V min
DVDD = 5 V
Output Low Voltage, VOL
ISINK = 5 mA
0.5
V max
DVDD = 5 V
POWER SUPPLY
For Specified Performance
AVDD
4.75
V min
5 V – 5%
5.25
V max
5 V + 5%
DVDD
4.75
V min
5 V – 5%
5.25
V max
5 V + 5%
AIDD
3
mA max
Typically 2 mA
DIDD
2.5
mA max
Typically 1.5 mA
NOTES
1See Terminology section for explanation of specifications.
2See plots in Typical Performance Characteristics graphs.
3See Fault Detection section of data sheet for explanation of fault detection functionality.
4Sample tested during initial release and after any redesign or process change that may affect this parameter.
Specifications subject to change without notice.
TIMING CHARACTERISTICS
1, 2
Parameter
Value
Unit
Test Conditions/Comments
t1
3
275
ms
F1 and F2 Pulsewidth (Logic Low)
t2
See Table III
sec
Output Pulse Period. See Transfer Function section.
t3
1/2 t2
sec
Time Between F1 Falling Edge and F2 Falling Edge
t4
3
90
ms
CF Pulsewidth (Logic High)
t5
See Table IV
sec
CF Pulse Period. See Transfer Function section.
t6
CLKIN/4
sec
Minimum Time Between F1 and F2 Pulse
NOTES
1Sample tested during initial release and after any redesign or process change that may affect this parameter.
2See Figure 1.
3The pulsewidths of F1, F2, and CF are not fixed for higher output frequencies. See Frequency Outputs F1 and F2 section.
Specifications subject to change without notice.
.t2
.t3
t4
.t5
.t6
t1
F1
F2
CF
Figure 1. Timing Diagram for Frequency Outputs
(AVDD = DVDD = 5 V
5%, AGND = DGND = 0 V, On-Chip Reference, CLKIN = 3.58 MHz,
TMIN to TMAX = –40 C to +85 C.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com