Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS78LS120J/883 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DS78LS120J/883
Description  Dual Differential Line Receiver (Noise Filtering and Fail-Safe)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS78LS120J/883 Datasheet(HTML) 2 Page - Texas Instruments

  DS78LS120J/883 Datasheet HTML 1Page - Texas Instruments DS78LS120J/883 Datasheet HTML 2Page - Texas Instruments DS78LS120J/883 Datasheet HTML 3Page - Texas Instruments DS78LS120J/883 Datasheet HTML 4Page - Texas Instruments DS78LS120J/883 Datasheet HTML 5Page - Texas Instruments DS78LS120J/883 Datasheet HTML 6Page - Texas Instruments DS78LS120J/883 Datasheet HTML 7Page - Texas Instruments DS78LS120J/883 Datasheet HTML 8Page - Texas Instruments DS78LS120J/883 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DS78LS120 is OBSOLETE
DS78LS120QML, DS78LS120
SNLS370C – SEPTEMBER 1999 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage
7V
Input Voltage
±25V
Strobe Voltage
7V
Output Sink Current
50 mA
Storage Temperature Range
−65°C to +150°C
Maximum Power Dissipation at 25°C(3)
1433 mV
Lead Temperature (Soldering, 4 sec)
260°C
(1)
“Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be ensured. Except for “Operating
Temperature Range” they are not meant to imply that the devices should be operated at these limits. The table of “Electrical
Characteristics” provides conditions for actual device operation.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(3)
Derate CDIP package 9.6 mW/°C above 25°C.
Operating Conditions
Min
Max
Units
Supply Voltage (VCC)
4.5
5.5
V
Temperature (TA)
−55
+125
°C
Common-Mode Voltage (VCM)
−15
+15
V
Electrical Characteristics
(1) (2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VTH
−7V ≤ VCM ≤ 7V
0.06
0.2
V
Differential Threshold Voltage
IOUT = −400 μA, VOUT ≥ 2.5V
−15 ≤ VCM ≤15V
0.06
0.3
V
VTL
−7V ≤ VCM ≤7V
−0.08
−0.2
V
Differential Threshold Voltage
IOUT = 4 mA, VOUT ≤ 0.5V
−15V ≤ VCM ≤ 15V
−0.08
−0.3
V
VTH
Differential Threshold Voltage
IOUT = −400 μA, VOUT ≥ 2.5V
−7V ≤ VCM ≤ 7V
0.47
0.7
V
VTL
with Fail-Safe Offset = 5V
IOUT = 4 mA, VOUT ≤ 0.5V
−7V ≤ VCM ≤ 7V
−0.2
−0.42
V
RIN
Input Resistance
−15V ≤ VCM ≤ 15V, 0V ≤ VCC ≤ 7V
4
5
k
Ω
RT
Line Termination Resistance
TA = 25°C
100
180
300
Ω
RO
Offset Control Resistance
TA = 25°C
42
56
70
k
Ω
IIND
VCM = 10V
2
3.1
mA
Data Input Current (Unterminated)
VCM = 0V
0V
≤ VCC ≤ 7V
0
−0.5
mA
VCM = −10V
−2
−3.1
mA
VTHB
IOUT = −400 μA, VOUT ≥ 2.5V,
−7V ≤ VCM 7V
0.1
0.4
V
RS = 500Ω
Input Balance(3)
IOUT = 4 mA, VOUT ≤ 0.5V,
−7V ≤ VCM ≤ 7V
−0.1
−0.4
V
RS = 500Ω
VOH
Logical “1” Output Voltage
IOUT = −400 μA, VDIFF = 1V, VCC = 4.5V
2.5
3
V
VOL
Logical “0” Output Voltage
IOUT = 4 mA, VDIFF = −1V, VCC = 4.5V
0.35
0.5
V
ICC
VCC = 5.5V
VCM = 15V
10
16
mA
Power Supply Current
VDIFF = −0.5V, (Both Receivers)
VCM = −15V
10
16
mA
(1)
Unless otherwise specified min/max limits apply across the
−55°C to +125°C temperature range for the DS78LS120QML. All typical
values are for TA = 25°C, VCC = 5V and VCM = 0V.
(2)
All currents into device pins shown as positive, out of device pins as negative, all voltages referenced to ground unless otherwise noted.
All values shown as max or min on absolute value basis.
(3)
Refer to EIA-RS422 for exact conditions.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: DS78LS120QML DS78LS120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com