Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS3695AM/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DS3695AM/NOPB
Description  Multipoint RS485/RS422 Transceivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS3695AM/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  DS3695AM/NOPB Datasheet HTML 1Page - Texas Instruments DS3695AM/NOPB Datasheet HTML 2Page - Texas Instruments DS3695AM/NOPB Datasheet HTML 3Page - Texas Instruments DS3695AM/NOPB Datasheet HTML 4Page - Texas Instruments DS3695AM/NOPB Datasheet HTML 5Page - Texas Instruments DS3695AM/NOPB Datasheet HTML 6Page - Texas Instruments DS3695AM/NOPB Datasheet HTML 7Page - Texas Instruments DS3695AM/NOPB Datasheet HTML 8Page - Texas Instruments DS3695AM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
DS3695A, DS3695AT, DS3696A
SNLS353C – FEBRUARY 1996 – REVISED APRIL 2013
www.ti.com
AC TEST CIRCUITS AND SWITCHING WAVEFORMS
Figure 3. Receiver Propagation Delay Test Circuit
Differential input voltage may be realized by grounding RI and pulsing RI between +2.5V and
−2.5V
Figure 4. Receiver Input-to-Output Propagation Delay Timing
Figure 5. Receiver Enable/Disable Propagation Delay Timing
Figure 6. Unless Otherwise Specified the Switches are Closed
4
Submit Documentation Feedback
Copyright © 1996–2013, Texas Instruments Incorporated
Product Folder Links: DS3695A DS3695AT DS3696A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com