Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS8922AM/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # DS8922AM/NOPB
Description  TRI-STATE RS-422 Dual Differential Line Driver and Receiver Pairs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS8922AM/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  DS8922AM/NOPB Datasheet HTML 1Page - Texas Instruments DS8922AM/NOPB Datasheet HTML 2Page - Texas Instruments DS8922AM/NOPB Datasheet HTML 3Page - Texas Instruments DS8922AM/NOPB Datasheet HTML 4Page - Texas Instruments DS8922AM/NOPB Datasheet HTML 5Page - Texas Instruments DS8922AM/NOPB Datasheet HTML 6Page - Texas Instruments DS8922AM/NOPB Datasheet HTML 7Page - Texas Instruments DS8922AM/NOPB Datasheet HTML 8Page - Texas Instruments DS8922AM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
equations:
Where:
Tcp = Crossing Point
Tra, Trb, Tfa and Tfb are time measurements with respect to the
DS8922, DS8922A, DS8923A
www.ti.com
SNLS373B – JUNE 1998 – REVISED APRIL 2013
Driver Switching Characteristics
Parameter
Conditions
Min
Typ
Max
Units
8922
8922A/23A
SINGLE ENDED CHARACTERISTICS (Figure 4, Figure 5, Figure 6, and Figure 8)
TpLH
CL = 30 pF
12
15
15
ns
TpHL
CL = 30 pF
12
15
15
ns
TTLH
CL = 30 pF
5
10
10
ns
TTHL
CL = 30 pF
5
10
10
ns
|TpLH–T pHL|
CL = 30 pF
0.5
ns
Skew
CL = 30 pF (1)
0.5
5
3.5
ns
Skew (Channel to Channel)
0.5
3.0
2.0
ns
TpLZ
CL = 30 pF
15
ns
TpHZ
CL = 30 pF
15
ns
TpZL
CL = 30 pF
20
ns
TpZH
CL = 30 pF
20
ns
DIFFERENTIAL SWITCHING CHARACTERISTICS (2), (Figure 4)
TpLH
CL = 30 pF
12
15
15
ns
TpHL
CL = 30 pF
12
15
15
ns
|TpLH–T pHL|
CL = 30 pF
0.5
6.0
2.75
ns
(1)
Difference between complementary outputs at the 50% point.
(2)
Differential Delays are defined as calculated results from single ended rise and fall time measurements. This approach in establishing
AC performance specifications has been taken due to limitations of available Automatic Test Equipment (ATE). The calculated ATE
results assume a linear transition between measurement points and are a result of the following
input.
Switching Time Waveforms
AC Test Circuits and Switching Waveforms
Figure 1.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DS8922 DS8922A DS8923A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com