Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP83916 Datasheet(PDF) 63 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83916
Description  SONICTM-16 Systems-Oriented Network Interface Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83916 Datasheet(HTML) 63 Page - National Semiconductor (TI)

Back Button DP83916 Datasheet HTML 59Page - National Semiconductor (TI) DP83916 Datasheet HTML 60Page - National Semiconductor (TI) DP83916 Datasheet HTML 61Page - National Semiconductor (TI) DP83916 Datasheet HTML 62Page - National Semiconductor (TI) DP83916 Datasheet HTML 63Page - National Semiconductor (TI) DP83916 Datasheet HTML 64Page - National Semiconductor (TI) DP83916 Datasheet HTML 65Page - National Semiconductor (TI) DP83916 Datasheet HTML 66Page - National Semiconductor (TI) DP83916 Datasheet HTML 67Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 96 page
background image
50 Bus Interface (Continued)
546 Bus Exceptions (Bus Retry)
The SONIC-16 provides the capability of handling errors
during the execution of the bus cycle (
Figure 5-20 )
The system asserts BRT (bus retry) to force the SONIC-16
to repeat the current memory cycle When the SONIC-16
detects the assertion of BRT it completes the memory cy-
cle at the end of T2 and gets off the bus by deasserting
BGACK or HOLD Then if Latched Bus Retry mode is not
set (LBR in the Data Configuration Register Section 432)
the SONIC-16 requests the bus again to retry the same
memory cycle If Latched Bus Retry is set though the SON-
IC-16 will not retry until the BR bit in the ISR (see Section
436) has been reset and BRT is deasserted BRT has
precedence of terminating a memory cycle over DSACK01
STERM or RDYi
BRT may be sampled synchronously or asynchronously by
setting the EXBUS bit in the DCR (see Section 432) If
synchronous Bus Retry is set BRT is sampled on the rising
edge of T2 If asynchronous Bus Retry is set BRT is double
synchronized from the falling edge of T1 The asynchronous
setup time does not need to be met but doing so will guar-
antee that the bus exception will occur in the current bus
cycle instead of the next bus cycle Asynchronous Bus Re-
try may only be used when the SONIC-16 is set to asynchro-
nous mode
Note 1
The deassertion edge of HOLD is dependent on the PH bit in the
DCR2 (see Section 437) Also BGACK is driven high for about
bus clock before going TRI-STATE
Note 2
If Latched Bus retry is set BRT need only satisfy its setup time (the
hold time is not important) Otherwise BRT must remain asserted
until after the Th state
Note 3
If DSACK01 STERM or RDYi remain asserted after BRT the next
memory cycle may be adversely affected
547 Slave Mode Bus Cycle
The SONIC-16’s internal registers can be accessed by one
of two methods (BMODE e 1 or BMODE e 0) In both
methods the SONIC-16 is a slave on the bus This section
describes the SONIC-16’s slave mode bus operations
5471 Slave Cycle for BMODE e 1
The system accesses the SONIC-16 by driving SAS SRW
and RAk50l These signals will be sampled each bus cy-
cle but the SONIC-16 will not actually start a slave cycle
until CS has also been asserted CS should not be asserted
before SAS is driven low as this will cause improper slave
operation Once SAS has been driven low between one
and two bus clocks after the assertion of CS SMACK will be
asserted to signify that the SONIC-16 has started the slave
cycle Although CS is an asynchronous input meeting its
setup time (as shown in
Figures 5-21 and 5-22 ) will guaran-
tee that SMACK which is asserted off of a falling edge will
be asserted 1 bus clock after the falling edge that CS is
clocked in on This is assuming that the SONIC-16 is not a
bus master when CS was asserted If the SONIC-16 is a bus
master then when CS is asserted the SONIC-16 will com-
plete its current master bus cycle and get off the bus tempo-
rarily (see Section 548) In this case SMACK will be as-
serted 5 bus clocks after the falling edge that CS was
clocked in on This is assuming that there were no wait
states in the current master mode access Wait states will
increase the time for SMACK to go low by the number of
wait states in the cycle
If the slave access is a read cycle (
Figure 5-21 ) then the
data will be driven off the same edge as SMACK Ifitisa
write cycle (
Figure 5-22 ) then the data will be latched in
exactly 2 bus clocks after the assertion of SMACK In either
case DSACK01 are driven low 2 bus clocks after SMACK
to terminate the slave cycle For a read cycle the assertion
of DSACK01 indicates valid register data and for a write
cycle
the assertion indicates that the SONIC-16 has
latched the data The SONIC-16 deasserts DSACK01
SMACK and the data if the cycle is a read cycle at the rising
edge of SAS or CS depending on which is deasserted first
Note 1
Although the SONIC-16 responds as a 32-bit peripheral when it
drives DSACK01 low it transfers data only on lines Dk150l
Note 2
For multiple register accesses CS can be held low and SAS can be
used to delimit the slave cycle (this is the only case where CS may
be asserted before SAS) In this case SMACK will be driven low
due to SAS going low since CS has already been asserted Notice
that this means SMACK will not stay asserted low during the entire
time CS is low (as is the case for MREQ Section 548)
Note 3
If memory request (MREQ) follows a chip select (CS) it must be
asserted at least 2 bus clocks after CS is deasserted Both CS and
MREQ must not be asserted concurrently
Note 4
When CS is deasserted it must remain deasserted for at least one
bus clock
Note 5
The way in which SMACK is asserted due to CS is not the same as
the way in which SMACK is asserted due to MREQ The assertion
of SMACK is dependent upon both CS and SAS being low not just
CS This is not the same as the case for MREQ (see Section 548)
The assertion of SMACK in these two cases should not be con-
fused
TLF11722 – 46
FIGURE 5-20 Bus Exception (Bus Retry)
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com