Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS99R102VS/NOPB Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # DS99R102VS/NOPB
Description  DS99R101/DS99R102 3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS99R102VS/NOPB Datasheet(HTML) 22 Page - Texas Instruments

Back Button DS99R102VS/NOPB Datasheet HTML 18Page - Texas Instruments DS99R102VS/NOPB Datasheet HTML 19Page - Texas Instruments DS99R102VS/NOPB Datasheet HTML 20Page - Texas Instruments DS99R102VS/NOPB Datasheet HTML 21Page - Texas Instruments DS99R102VS/NOPB Datasheet HTML 22Page - Texas Instruments DS99R102VS/NOPB Datasheet HTML 23Page - Texas Instruments DS99R102VS/NOPB Datasheet HTML 24Page - Texas Instruments DS99R102VS/NOPB Datasheet HTML 25Page - Texas Instruments DS99R102VS/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
ROUT0
ROUT1
ROUT2
ROUT3
ROUT4
ROUT5
ROUT6
ROUT7
ROUT8
ROUT9
ROUT10
ROUT11
ROUT12
ROUT13
ROUT14
ROUT15
ROUT16
ROUT17
ROUT18
ROUT19
ROUT20
ROUT21
ROUT22
ROUT23
RCLK
RPWDNB
REN
RRFB
RESRVD
RIN+
RIN-
VDDOR2
VDDOR3
VDDR1
VDDR0
VDDPR1
VDDPR0
Notes:
RPWDNB = System GPO
REN = High (ON)
RRFB = High (Rising edge)
RESRVD = Low
3.3V
DS99R102 (DES)
C3
C7
C4
C8
C9
C10
R1
C5
C1
VDDIR
VDDOR1
VSSPR0
VSSPR1
VSSR0
VSSR1
VSSIR
VSSOR1
VSSOR2
VSSOR3
LOCK
C2
C6
C1 to C4 = 0.01 P F
C5 to C8 = 0.1 P F
C9, C10 = 100 nF; 50WVDC, NPO or X7R
R1 = 100:
Serial
LVDS
Interface
LVCMOS
Parallel
Interface
GPO if used, or tie High (ON)
3.3V
3.3V
DS99R101, DS99R102
SNLS240D – MARCH 2007 – REVISED APRIL 2013
www.ti.com
Figure 21. DS99R102 Typical Application Connection
TRUTH TABLES
DS99R101 Serializer Truth Table
TPWDNB
DEN
Tx PLL Status
LVDS Outputs
(Pin 9)
(Pin 18)
(Internal)
(Pins 19 and 20)
L
X
X
Hi Z
H
L
X
Hi Z
H
H
Not Locked
Hi Z
H
H
Locked
Serialized Data with Embedded Clock
DS99R102 Deserializer Truth Table
RPWDNB
REN
Rx PLL Status
ROUTn and RCLK
LOCK
(Pin 1)
(Pin 48)
(Internal)
(See Pin Diagram)
(Pin 17)
L
X
X
Hi Z
Hi Z
H
L
X
Hi Z
L = PLL Unocked;
H = PLL Locked
H
H
Not Locked
Hi Z
L
H
H
Locked
Data and RCLK Active
H
22
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: DS99R101 DS99R102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com