Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM355DZCE270 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355DZCE270
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355DZCE270 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320DM355DZCE270 Datasheet HTML 17Page - Texas Instruments TMS320DM355DZCE270 Datasheet HTML 18Page - Texas Instruments TMS320DM355DZCE270 Datasheet HTML 19Page - Texas Instruments TMS320DM355DZCE270 Datasheet HTML 20Page - Texas Instruments TMS320DM355DZCE270 Datasheet HTML 21Page - Texas Instruments TMS320DM355DZCE270 Datasheet HTML 22Page - Texas Instruments TMS320DM355DZCE270 Datasheet HTML 23Page - Texas Instruments TMS320DM355DZCE270 Datasheet HTML 24Page - Texas Instruments TMS320DM355DZCE270 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 163 page
background image
TMS320DM355
www.ti.com
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
Table 2-9. Asynchronous EMIF/NAND/OneNAND Terminal Functions (continued)
TERMINAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
NAME
NO.
EM_A06/
Async EMIF: Address bus bit[06]
P18
I/O/Z
VDD
GIO060
GIO: GIO[60]
EM_A05/
Async EMIF: Address bus bit[05]
R19
I/O/Z
VDD
GIO059
GIO: GIO[59]
EM_A04/
Async EMIF: Address bus bit[04]
P15
I/O/Z
VDD
GIO058
GIO: GIO[58]
EM_A03/
Async EMIF: Address bus bit[03]
N18
I/O/Z
VDD
GIO057
GIO: GIO[57]
Async EMIF: Address bus bit[02]
EM_A02/
N15
I/O/Z
VDD
NAND/SM/xD: CLE - Command latch enable output
Async EMIF: Address bus bit[01]
EM_A01/
N17
I/O/Z
VDD
NAND/SM/xD: ALE - Address latch enable output
EM_A00/
Async EMIF: Address bus bit[00]
M16
I/O/Z
VDD
GIO056
GIO: GIO[56]
Async EMIF: Bank address 1 signal - 16-bit address:
EM_BA1/
•
In 16-bit mode, lowest address bit.
P19
I/O/Z
VDD
GIO055
•
In 8-bit mode, second lowest address bit.
GIO: GIO[055]
Async EMIF: Bank address 0 signal - 8-bit address:
EM_BA0/
•
In 8-bit mode, lowest address bit. or can be used as an extra address line
GIO054
N19
I/O/Z
VDD
(bit14) when using 16-bit memories.
EM_A14
GIO: GIO[054]
EM_D15/
Async EMIF: Data bus bit 15
M18
I/O/Z
VDD
GIO053
GIO: GIO[053]
EM_D14/
Async EMIF: Data bus bit 14
M19
I/O/Z
VDD
GIO052
GIO: GIO[052]
EM_D13/
Async EMIF: Data bus bit 13
M15
I/O/Z
VDD
GIO051
GIO: GIO[051]
EM_D12/
Async EMIF: Data bus bit 12
L18
I/O/Z
VDD
GIO050
GIO: GIO[050]
EM_D11/
Async EMIF: Data bus bit 11
L17
I/O/Z
VDD
GIO049
GIO: GIO[049]
EM_D10/
Async EMIF: Data bus bit 10
L19
I/O/Z
VDD
GIO048
GIO: GIO[048]
EM_D09/
Async EMIF: Data bus bit 09
K18
I/O/Z
VDD
GIO047
GIO: GIO[047]
EM_D08/
Async EMIF: Data bus bit 08
L16
I/O/Z
VDD
GIO046
GIO: GIO[046]
EM_D07/
Async EMIF: Data bus bit 07
K19
I/O/Z
VDD
GIO045
GIO: GIO[045]
EM_D06/
Async EMIF: Data bus bit 06
K17
I/O/Z
VDD
GIO044
GIO: GIO[044]
EM_D05/
Async EMIF: Data bus bit 05
J19
I/O/Z
VDD
GIO043
GIO: GIO[043]
EM_D04/
Async EMIF: Data bus bit 04
L15
I/O/Z
VDD
GIO042
GIO: GIO[042]
EM_D03/
Async EMIF: Data bus bit 03
J18
I/O/Z
VDD
GIO041
GIO: GIO[041]
EM_D02/
Async EMIF: Data bus bit 02
H19
I/O/Z
VDD
GIO040
GIO: GIO[040]
EM_D01/
Async EMIF: Data bus bit 01
J17
I/O/Z
VDD
GIO039
GIO: GIO[039]
EM_D00/
Async EMIF: Data bus bit 00
H18
I/O/Z
VDD
GIO038
GIO: GIO[038]
Copyright © 2007–2010, Texas Instruments Incorporated
Device Overview
21
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com